データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV573AZQNR データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74LV573AZQNR
部品情報  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV573AZQNR データシート(HTML) 5 Page - Texas Instruments

  SN74LV573AZQNR Datasheet HTML 1Page - Texas Instruments SN74LV573AZQNR Datasheet HTML 2Page - Texas Instruments SN74LV573AZQNR Datasheet HTML 3Page - Texas Instruments SN74LV573AZQNR Datasheet HTML 4Page - Texas Instruments SN74LV573AZQNR Datasheet HTML 5Page - Texas Instruments SN74LV573AZQNR Datasheet HTML 6Page - Texas Instruments SN74LV573AZQNR Datasheet HTML 7Page - Texas Instruments SN74LV573AZQNR Datasheet HTML 8Page - Texas Instruments SN74LV573AZQNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
SN54LV573A, SN74LV573A
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCLS411I − APRIL 1998 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
PARAMETER
TA = 25°C
SN54LV573A
SN74LV573A
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
LE high
6.5
6.5
6.5
ns
tsu
Setup time
Data before LE
5
5
5
ns
th
Hold time
Data after LE
2
2
2
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
PARAMETER
TA = 25°C
SN54LV573A
SN74LV573A
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
LE high
5
5
5
ns
tsu
Setup time
Data before LE
3.5
3.5
3.5
ns
th
Hold time
Data after LE
1.5
1.5
1.5
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
PARAMETER
TA = 25°C
SN54LV573A
SN74LV573A
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
LE high
5
5
5
ns
tsu
Setup time
Data before LE
3.5
3.5
3.5
ns
th
Hold time
Data after LE
1.5
1.5
1.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV573A
SN74LV573A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
t
D
Q
8.9*
15.8*
1*
18*
1
18
tpd
LE
Q
CL =15pF
9.6*
16.2*
1*
19*
1
19
ns
ten
OE
Q
CL = 15 pF
9.3*
16.2*
1*
19*
1
19
ns
tdis
OE
Q
6.7*
12.6*
1*
15*
1
15
t
D
Q
10.9
18.7
1
21
1
21
tpd
LE
Q
11.6
19.1
1
23
1
23
ten
OE
Q
CL = 50 pF
11.4
19
1
22
1
22
ns
tdis
OE
Q
L
p
8.6
17.3
1
19
1
19
tsk(o)
2
2
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


同様の部品番号 - SN74LV573AZQNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV573AZQNR TI-SN74LV573AZQNR Datasheet
595Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LV573AZQNR TI-SN74LV573AZQNR Datasheet
856Kb / 21P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74LV573AZQNR

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com