データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC1G10DBVRG4 データシート(PDF) 4 Page - Texas Instruments

部品番号 74LVC1G10DBVRG4
部品情報  Single 3-Input Positive-NAND Gate
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G10DBVRG4 データシート(HTML) 4 Page - Texas Instruments

  74LVC1G10DBVRG4 Datasheet HTML 1Page - Texas Instruments 74LVC1G10DBVRG4 Datasheet HTML 2Page - Texas Instruments 74LVC1G10DBVRG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G10DBVRG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G10DBVRG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G10DBVRG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G10DBVRG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G10DBVRG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G10DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SN74LVC1G10
SCES486E – SEPTEMBER 2003 – REVISED DECEMBER 2013
www.ti.com
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
1.65 V to
IOH = –100 μA
VCC – 0.1
VCC – 0.1
5.5 V
IOH = –4 mA
1.65 V
1.2
1.2
IOH = –8 mA
2.3 V
1.9
1.9
VOH
V
IOH = –16 mA
2.4
2.4
3 V
IOH = –24 mA
2.3
2.3
IOH = –32 mA
4.5 V
3.8
3.8
1.65 V to
IOL = 100 μA
0.1
0.1
5.5 V
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.3
0.3
VOL
V
IOL = 16 mA
0.4
0.4
3 V
IOL = 24 mA
0.55
0.55
IOL = 32 mA
4.5 V
0.55
0.55
II
All inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
±5
μA
Ioff
VI or VO = 5.5 V
0
±10
±10
μA
1.65 V to
ICC
VI = 5.5 V or GND, IO = 0
10
10
μA
5.5 V
One input at VCC – 0.6 V,
ΔICC
3 V to 5.5 V
500
500
μA
Other inputs at VCC or GND
Ci
VI = VCC or GND
3.3 V
3.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G10


同様の部品番号 - 74LVC1G10DBVRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74LVC1G10DBVRG4 TI-74LVC1G10DBVRG4 Datasheet
675Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NAND GATE
More results

同様の説明 - 74LVC1G10DBVRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LVC1G10 TI-SN74LVC1G10_10 Datasheet
675Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVC1G10_1107 DIODES-74LVC1G10_1107 Datasheet
314Kb / 13P
   SINGLE 3 INPUT POSITIVE NAND GATE
logo
Unisonic Technologies
U74LVC1G10 UTC-U74LVC1G10 Datasheet
187Kb / 6P
   SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVC1G10 DIODES-74LVC1G10 Datasheet
291Kb / 14P
   SINGLE 3 INPUT POSITIVE NAND GATE
DS35121 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G10 TI-SN74LVC1G10 Datasheet
252Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE NAND GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com