データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV541ADGVRG4 データシート(PDF) 7 Page - Texas Instruments

部品番号 SN74LV541ADGVRG4
部品情報  Octal Buffers/Drivers With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV541ADGVRG4 データシート(HTML) 7 Page - Texas Instruments

Back Button SN74LV541ADGVRG4 Datasheet HTML 3Page - Texas Instruments SN74LV541ADGVRG4 Datasheet HTML 4Page - Texas Instruments SN74LV541ADGVRG4 Datasheet HTML 5Page - Texas Instruments SN74LV541ADGVRG4 Datasheet HTML 6Page - Texas Instruments SN74LV541ADGVRG4 Datasheet HTML 7Page - Texas Instruments SN74LV541ADGVRG4 Datasheet HTML 8Page - Texas Instruments SN74LV541ADGVRG4 Datasheet HTML 9Page - Texas Instruments SN74LV541ADGVRG4 Datasheet HTML 10Page - Texas Instruments SN74LV541ADGVRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Temperature (GC)
-100
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
D001
TPD in ns
VCC
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
D002
TPD in ns
SN74LV541A
www.ti.com
SCLS410J – APRIL 1998 – REVISED DECEMBER 2014
7.8 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT) CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
3.5(1)
5(1)
1
6
1
6
ten
OE
Y
CL = 15 pF
4.3(1)
7.2(1)
1
8.5
1
8.5
ns
tdis
OE
Y
3.9(1)
7.5(1)
1
8
1
8
tpd
A
Y
4.3
7
1
8
1
8
ten
OE
Y
5.3
9.2
1
10.5
1
10.5
CL = 50 pF
ns
tdis
OE
Y
5.6
8.8
1
10
1
10
tsk(o)
1
1
1
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
7.9 Noise Characteristics
(1)
VCC = 3.3 V, CL = 50 pF, TA = 25°C
SN74LV541A
PARAMETER
UNIT
MIN
TYP
MAX
VOL(P)
Quiet output, maximum dynamic VOL
0.5
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.4
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
2.9
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
(1)
Characteristics are for surface-mount packages only.
7.10 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
3.3 V
16.3
Cpd
Power dissipation capacitance
Outputs enabled
CL = 50 pF,
f = 10 MHz
pF
5 V
17.8
7.11 Typical Characteristics
Figure 1. TPD vs Temperature
Figure 2. TPD vs VCC at 25°C
Copyright © 1998–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LV541A


同様の部品番号 - SN74LV541ADGVRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV541ADGVR TI-SN74LV541ADGVR Datasheet
435Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV541ADGVR TI-SN74LV541ADGVR Datasheet
696Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV541ADGVRE4 TI-SN74LV541ADGVRE4 Datasheet
435Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV541ADGVRE4 TI-SN74LV541ADGVRE4 Datasheet
696Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74LV541ADGVRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com