データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV541ADWRE4 データシート(PDF) 9 Page - Texas Instruments

部品番号 SN74LV541ADWRE4
部品情報  Octal Buffers/Drivers With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV541ADWRE4 データシート(HTML) 9 Page - Texas Instruments

Back Button SN74LV541ADWRE4 Datasheet HTML 5Page - Texas Instruments SN74LV541ADWRE4 Datasheet HTML 6Page - Texas Instruments SN74LV541ADWRE4 Datasheet HTML 7Page - Texas Instruments SN74LV541ADWRE4 Datasheet HTML 8Page - Texas Instruments SN74LV541ADWRE4 Datasheet HTML 9Page - Texas Instruments SN74LV541ADWRE4 Datasheet HTML 10Page - Texas Instruments SN74LV541ADWRE4 Datasheet HTML 11Page - Texas Instruments SN74LV541ADWRE4 Datasheet HTML 12Page - Texas Instruments SN74LV541ADWRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
OE1
OE2
To Seven Other Channels
A1
Y1
SN74LV541A
www.ti.com
SCLS410J – APRIL 1998 – REVISED DECEMBER 2014
9 Detailed Description
9.1 Overview
The SN74LV541A device is an octal buffers/driver designed for 2-V to 5.5-V VCC operation.
The SN74LV541A device is ideal for driving bus lines or buffer memory address registers. It features inputs and
outputs on opposite sides of the package to facilitate printed circuit board layout.
The 3-state control gate is a two-input AND gate with active-low inputs so that if either output-enable (OE1 or
OE2) input is high, all corresponding outputs are in the high-impedance state. The outputs provide non-inverted
data when they are not in the high-impedance state.
To ensure the high-impedance state during power up or power down, both OE should be tied to VCC through a
pull-up resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN74LV541A device are fully specified for partial-power-down applications using Ioff. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the devices when they are powered down.
9.2 Functional Block Diagram
Figure 4. Logic Diagram (Positive Logic)
9.3 Feature Description
Wide operating voltage range
Operates from 2 V to 5.5 V
Allows down-voltage translation
Inputs accept voltages to 5.5 V
Ioff feature
Allows voltages on the inputs when VCC is 0 V
9.4 Device Functional Modes
Table 2. Function Table
(Each Buffer or Driver)
INPUTS
OUTPUT
Y
OE1
OE2
A
L
L
L
L
L
L
H
H
H
X
X
Z
X
H
X
Z
Copyright © 1998–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LV541A


同様の部品番号 - SN74LV541ADWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV541ADWRE4 TI-SN74LV541ADWRE4 Datasheet
435Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV541ADWRE4 TI-SN74LV541ADWRE4 Datasheet
696Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74LV541ADWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com