データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMC3K22CA データシート(PDF) 2 Page - SUNMATE electronic Co., LTD

部品番号 SMC3K22CA
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMC3K22CA データシート(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMC3K22CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMC3K22CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMC3K22CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMC3K43CA
2 of 3
Notes
• Pulse test: tp  50 ms
• Surge current waveform per fig. 3 and derated per fig.2
• All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
www.sunmate.tw
SMC3K22CA
SMC3K24CA
SMC3K26CA
SMC3K28CA
SMC3K30CA
SMC3K33CA
SMC3K36CA
SMC3K40CA
SMC3K45CA
SMC3K48CA
SMC3K51CA
SMC3K54CA
SMC3K58CA
SMC3K60CA
SMC3K64CA
SMC3K75CA
SMC3K78CA
SMC3K70CA
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
24.4
26.9
1.0
22
2.0
84.5
35.5
26.7
29.5
1.0
24
2.0
77.1
38.9
28.9
31.9
1.0
26
2.0
71.3
42.1
86.7
95.8
1.0
78
2.0
23.8
126
83.3
92.1
1.0
75
2.0
24.8
121
77.8
86.0
1.0
70
2.0
26.5
113
71.1
78.6
1.0
64
2.0
29.1
103
66.7
73.7
1.0
60
2.0
31.0
96.8
64.4
71.2
1.0
58
2.0
32.1
93.6
60.0
66.3
1.0
54
2.0
34.4
87.1
56.7
62.7
1.0
51
2.0
36.4
82.4
53.3
58.9
1.0
48
2.0
38.8
77.4
50.0
55.3
1.0
45
2.0
41.3
72.7
44.4
49.1
1.0
40
2.0
46.5
64.5
40.0
44.2
1.0
36
2.0
51.6
58.1
36.7
40.6
1.0
33
2.0
56.3
53.3
33.3
36.8
1.0
30
2.0
62.0
48.4
31.1
34.4
1.0
28
2.0
66.1
45.4
47.8
52.8
1.0
43
2.0
43.2
69.4
TYPE


同様の部品番号 - SMC3K22CA

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
102Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMC3K22CAHM3_A VISHAY-SMC3K22CAHM3_A Datasheet
141Kb / 7P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

同様の説明 - SMC3K22CA

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com