データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2950L-5.0 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 LM2950L-5.0
部品情報  0.1A LOW DROPOUT VOLTAGE REGULATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

LM2950L-5.0 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  LM2950L-5.0 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2950L-5.0 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2950L-5.0 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1A LOW DROPOUT VOLTAGE REGULATORS
LM2950
ABSOLUTE MAXIMUM RATINGS
Lead Temperature (Soldering, 5 seconds)
Storage Temperature Range
Operating Junction Temperature Range
Input Supply Voltage
Feedback Input Voltage
Shutdown Input Voltage
Error Comparator Output
ELECTRICAL CHARACTERISTICS(at Ta=25℃, VIN=15V, unles otherwise specified)
-25℃ ≤TJ ≤85℃
0.985|V0
1.015|V0
Full Operating Temperature
0.980|V0
1.020|V0
Output Voltage
100㎂≤IL≤100㎃,TJ≤TJMAX
0.976|V0
1.024|V0
Output Voltage Temperature Coefficient
(Note 1)
Line Regulation (Note 3)
V0+1V≤VIN≤30V
Load Regulation (Note 3)
100㎂≤IL≤100㎃
IL=100㎂
IL=100㎃
IL=100㎂
IL=100㎃
Dropout Ground Current
VIN=V0-0.5V, IL=100㎂
Current Limit
VOUT=0
Thermal Regulation
CL=1㎌
CL=200㎌
CL=3.3㎌
(Bypass=0.01㎌ pins 7 to 1
Error Comparator
Output Leakage Current
VOH=30V
Output Low Voltage
VIN=4.5V, IOL=400㎂
Upper Threshold Voltage
(Note 6)
Lower Threshold Voltage
(Note 6)
Hysteresis
(Note 6)
Shutdown Input
Low (Regulator ON)
High (Regulator OFF)
VS=2.4V
VS=30V
(Note 7)
Note 1 : Output or reference voltage temperature coefficients defined as the worst case voltage change divided by the
total temperature range.
Note 2 : Unless otherwise specified all limits guaranteed for TJ=25℃, VIN=V0+1V, IL=100㎂ and CL=1㎌. Additional condition
for the 8-pin versions are feedback tied to -XX V tap and output tied to output Sense (VOUT=XX V) and
VSHOUTDOWN≤0.8V
Note 3 : Regulations is measured at constant junction temperature, using pulse testing with a low duty cycle.
Changes in output voltage due to heating effects are covered under the specification for thermal regulation.
HTC
40
V
30
3
50
600
10
450
60
100
1.0
250
95
0.01
150
15
430
160
0.2
75
0.05
μVr㎳
120
12
170
200
%/W
CONDITIONS (Note 2)
PARAMETER
0.4
0.3
MIN
TYP
MAX
150
V0
0.1
50
Shutdown Pin Input Current
Input Logic Voltage
Output Voltage
Dropout Voltage (Note 4)
Ground Current
Output Noise, 10Hz to 100kHz
8
110
160
2.0V≤VOUT<3.3V
Regulator Output Current Shutdown
20
30
-0.3 to +30V
VOUT=5.0V
3.3V≤VOUT<5.0V
380
75
V0
V
50
0.04
ppm/℃
INTERNALLY LIMITED
260℃
-65℃ to +150℃
-55℃ to +150℃
0.7
-1.5 to +30V
-0.3 to +30V
-0.3 to +30V
80
450
%
%
UNITS
2
POWER DISSIPATION
2
1.3


同様の部品番号 - LM2950L-5.0

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - LM2950L-5.0

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM2931 HTC-LM2931 Datasheet
99Kb / 2P
   0.1A LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com