データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74V245-EP データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74V245-EP
部品情報  DSP-SYNC FIRST-IN, FIRST-OUT MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74V245-EP データシート(HTML) 6 Page - Texas Instruments

Back Button SN74V245-EP Datasheet HTML 2Page - Texas Instruments SN74V245-EP Datasheet HTML 3Page - Texas Instruments SN74V245-EP Datasheet HTML 4Page - Texas Instruments SN74V245-EP Datasheet HTML 5Page - Texas Instruments SN74V245-EP Datasheet HTML 6Page - Texas Instruments SN74V245-EP Datasheet HTML 7Page - Texas Instruments SN74V245-EP Datasheet HTML 8Page - Texas Instruments SN74V245-EP Datasheet HTML 9Page - Texas Instruments SN74V245-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
10
100
1000
10000
100000
120
130
140
150
160
170
Operating Junction Temperature (°C)
SN74V245-EP
SCAS932A – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VCC = 3 V, IOH = -2 mA
2.4
V
VOL
Low-level output voltage
VCC = 3 V, IOL = 8 mA
0.4
V
II
Input current
VCC = 3.6 V, VI = VCC to 0.4 V
±1
µA
IOZ
High-impedance output current
VCC = 3.6 V, OE ≥ VIH, VO = VCC to 0.4 V
±10
µA
ICC1
Supply current
VCC = 3.3 V, See
(1), (2) and (3)
35
mA
ICC2
VCC = 3.6 V, See
(1) and (4)
5
mA
CIN
Input capacitance
VI = 0, TA = 25°C, f = 1 MHz
10
pF
VO = 0, TA = 25°C, f = 1 MHz, Output
COUT
10
pF
deslected, (OE
≥ VIH)
(1)
Tested with outputs disabled (IOUT = 0).
(2)
RCLK and WCLK switch at 20 MHz and data inputs switch at 10 MHz.
(3)
Typical ICC1 = 2.04 + 0.88 × fSW + 0.02 × CL × fSW (in mA). These equations are valid under the following conditions:
VCC = 3.3 V, TA = 25°C, fSW = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fSW/2, CL = capacitive
load (in pF).
(4)
All inputs = (VCC – 0.2 V) or (GND + 0.2 V), except RCLK and WCLK, which switch at 20 MHz.
xxx
(1)
See datasheet for absolute maximum and minimum recommended operating conditions.
(2)
Silicon operating life design goal is 100,000 hrs at 106°C junction temperature (does not include package interconnect
life).
(3)
The predicted operating lifetime vs. junction temperature is based on reliability modeling using electromigration as the
dominant failure mechanism affecting device wearout for the specific device process and design characteristics.
Figure 1. Electromigration Fail Mode Derating Chart
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: SN74V245-EP


同様の部品番号 - SN74V245-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74V245-10PAG TI-SN74V245-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-10PAG TI-SN74V245-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-15PAG TI-SN74V245-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-15PAG TI-SN74V245-15PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-20PAG TI-SN74V245-20PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

同様の説明 - SN74V245-EP

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
7201LA35J IDT-7201LA35J Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com