データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES2GBF データシート(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

部品番号 ES2GBF
部品情報  Surface Mount Superfast Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
ホームページ  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

ES2GBF データシート(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  ES2GBF Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ES2GBF Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ES2GBF Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
E2AB
E2BB
E2CB
E2DB
E2EB
E2GB
E2JB
ES2ABF
ES2BBF
ES2CBF
ES2DBF
ES2EBF
ES2GBF
ES2JBF
The recommended mounting pad size
Unit:mm(mil)
3.0(118)
1.8(71)
1.8(71)
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SMBF
∠ALL ROUND
V
A
M
UNIT
mm
1.3
0.26
4.4
3.7
5.5
1.1
0.18
4.2
3.5
5.1
max
min
mil
max
min
A
C
D
E
HE
2.2
1.9
e
Bottom View
HE
g
Top View
1.0
g
g
∠ALL ROUND
D
A
E
51
10
173
146
216
43
7
165
138
200
86
75
40
ES2ABF THRU ES2JBF
www.yfwdiode.com


同様の部品番号 - ES2GBF

メーカー部品番号データシート部品情報
logo
Microdiode Electronics ...
ES2GBF CHENDA-ES2GBF Datasheet
601Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
UN Semiconducctor INC
ES2GBF UNSEMI-ES2GBF Datasheet
2Mb / 4P
   Surface Mount Superfast Recovery Rectifier
Revision March 1,2022
logo
DONGGUAN YOU FENG WEI E...
ES2GBF YFWDIODE-ES2GBF Datasheet
90Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Guangdong Juxing Electr...
ES2GBF JUXING-ES2GBF Datasheet
732Kb / 3P
   Surface Mount Superfast Rectifiers
logo
Zibo Seno Electronic En...
ES2GBF ZSELEC-ES2GBF Datasheet
107Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results

同様の説明 - ES2GBF

メーカー部品番号データシート部品情報
logo
Xian Semipower Electron...
ES3ABF SEMIPOWER-ES3ABF Datasheet
129Kb / 3P
   Surface Mount Superfast Recovery Rectifier
ES5ABF SEMIPOWER-ES5ABF Datasheet
137Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
DONGGUAN YOU FENG WEI E...
ES3AF-SMAF YFWDIODE-ES3AF-SMAF_17 Datasheet
427Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Microdiode Electronics ...
ES2ABF CHENDA-ES2ABF Datasheet
601Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
ES3ABF CHENDA-ES3ABF Datasheet
616Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2ABF YFWDIODE-ES2ABF Datasheet
90Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Xian Semipower Electron...
ES2AW SEMIPOWER-ES2AW Datasheet
133Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
DONGGUAN YOU FENG WEI E...
ES2AW YFWDIODE-ES2AW_V01 Datasheet
416Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Shanghai Yint Electroni...
ES2ABF YINT-ES2ABF Datasheet
558Kb / 3P
   Surface Mount Superfast Recovery Rectifier
ES3ABF YINT-ES3ABF Datasheet
555Kb / 3P
   Surface Mount Superfast Recovery Rectifier
ES5AC YINT-ES5AC Datasheet
552Kb / 3P
   Surface Mount Superfast Recovery Rectifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com