データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES2GBF データシート(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

部品番号 ES2GBF
部品情報  Surface Mount Superfast Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
ホームページ  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

ES2GBF データシート(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  ES2GBF Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ES2GBF Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ES2GBF Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Superfast Recovery Rectifier
Reverse Voltage – 50 to 600 V
Forward Current –2 A
MECHANICAL DATA
• Terminals: Solderable per MIL-STD-750, Method 2026
pprox. Weight: 57mg / 0.002oz
Case: SMBF
A
FEATURES
For surface mounted applications
• Low profile package
• Glass Passivated Chip Junction
• Superfast reverse recovery time
• Lead free in comply with EU RoHS 2011/65/EU directives
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SMBF and symbol
1
2
ES2ABF THRU ES2JBF
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
Maximum Forward Voltage at 2 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at T = 125
°C
c
Typical Junction Capacitance
at V =4V, f=1MHz
R
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
T , T
j
stg
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
V
2
50
1
5
100
28
35
-55 ~ +150
A
A
V
μA
ns
°C
Symbols
Ratings at
ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
25
°C
Absolute Maximum Ratings and Characteristics
Maximum Reverse Recovery Time
trr
pF
Units
50
100
150
200
300
400
600
1.25
1.68
Typical Thermal Resistance
RθJA
R
θJC
60
18
°C/W
(1)
(2)
Maximum DC Reverse Current
T = 25
°C
a
at Rated DC Blocking Voltage
T =125
°C
a
ES2ABF
ES2BBF
ES2CBF
ES2DBF
ES2EBF
ES2GBF
ES2JBF
.
(2)
(1)Measured with I = 0.5 A, I = 1 A, I = 0.25 A
F
R
rr
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
www.yfwdiode.com


同様の部品番号 - ES2GBF

メーカー部品番号データシート部品情報
logo
Microdiode Electronics ...
ES2GBF CHENDA-ES2GBF Datasheet
601Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
UN Semiconducctor INC
ES2GBF UNSEMI-ES2GBF Datasheet
2Mb / 4P
   Surface Mount Superfast Recovery Rectifier
Revision March 1,2022
logo
DONGGUAN YOU FENG WEI E...
ES2GBF YFWDIODE-ES2GBF Datasheet
90Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Guangdong Juxing Electr...
ES2GBF JUXING-ES2GBF Datasheet
732Kb / 3P
   Surface Mount Superfast Rectifiers
logo
Zibo Seno Electronic En...
ES2GBF ZSELEC-ES2GBF Datasheet
107Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results

同様の説明 - ES2GBF

メーカー部品番号データシート部品情報
logo
Xian Semipower Electron...
ES3ABF SEMIPOWER-ES3ABF Datasheet
129Kb / 3P
   Surface Mount Superfast Recovery Rectifier
ES5ABF SEMIPOWER-ES5ABF Datasheet
137Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
DONGGUAN YOU FENG WEI E...
ES3AF-SMAF YFWDIODE-ES3AF-SMAF_17 Datasheet
427Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Microdiode Electronics ...
ES2ABF CHENDA-ES2ABF Datasheet
601Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
ES3ABF CHENDA-ES3ABF Datasheet
616Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2ABF YFWDIODE-ES2ABF Datasheet
90Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Xian Semipower Electron...
ES2AW SEMIPOWER-ES2AW Datasheet
133Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
DONGGUAN YOU FENG WEI E...
ES2AW YFWDIODE-ES2AW_V01 Datasheet
416Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Shanghai Yint Electroni...
ES2ABF YINT-ES2ABF Datasheet
558Kb / 3P
   Surface Mount Superfast Recovery Rectifier
ES3ABF YINT-ES3ABF Datasheet
555Kb / 3P
   Surface Mount Superfast Recovery Rectifier
ES5AC YINT-ES5AC Datasheet
552Kb / 3P
   Surface Mount Superfast Recovery Rectifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com