データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74S65N データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74S65N
部品情報  4-2-3-2 INPUT AND-OR-INVERT GATES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74S65N データシート(HTML) 5 Page - Texas Instruments

  SN74S65N Datasheet HTML 1Page - Texas Instruments SN74S65N Datasheet HTML 2Page - Texas Instruments SN74S65N Datasheet HTML 3Page - Texas Instruments SN74S65N Datasheet HTML 4Page - Texas Instruments SN74S65N Datasheet HTML 5Page - Texas Instruments SN74S65N Datasheet HTML 6Page - Texas Instruments SN74S65N Datasheet HTML 7Page - Texas Instruments SN74S65N Datasheet HTML 8Page - Texas Instruments SN74S65N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
JM38510/07402BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
07402BCA
JM38510/07402BDA
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
07402BDA
M38510/07402BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
07402BCA
M38510/07402BDA
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
07402BDA
SN54S64J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SN54S64J
SN74S64D
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
SN74S64DR
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
SN74S64N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN74S64N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN74S65D
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
SN74S65DR
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
SN74S65N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SNJ54S64J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54S64J
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


同様の部品番号 - SN74S65N

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74S65N TI-SN74S65N Datasheet
168Kb / 5P
[Old version datasheet]   4-2-3-2 INPUT AND-OR-INVERT GATES
More results

同様の説明 - SN74S65N

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54S64 TI-SN54S64 Datasheet
168Kb / 5P
[Old version datasheet]   4-2-3-2 INPUT AND-OR-INVERT GATES
logo
Hitachi Semiconductor
HD74LS54 HITACHI-HD74LS54 Datasheet
44Kb / 5P
   4-wide 2-input, 3-input AND-OR-INVERT Gates
logo
Renesas Technology Corp
HD74LS54 RENESAS-HD74LS54 Datasheet
145Kb / 4P
   4-wide 2-input, 3-input AND-OR-INVERT Gates
logo
Hitachi Semiconductor
HD74LS55 HITACHI-HD74LS55 Datasheet
43Kb / 5P
   2-wide 4-input AND-OR-INVERT Gates
HD74LS51 HITACHI-HD74LS51 Datasheet
42Kb / 5P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gates
logo
Renesas Technology Corp
HD74LS51 RENESAS-HD74LS51 Datasheet
163Kb / 5P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gates
logo
National Semiconductor ...
54LS51 NSC-54LS51 Datasheet
63Kb / 3P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATES
logo
Texas Instruments
SN74F51 TI1-SN74F51 Datasheet
85Kb / 5P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATES
logo
National Semiconductor ...
54F64DM NSC-54F64DM Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
logo
NXP Semiconductors
74F64 PHILIPS-74F64 Datasheet
72Kb / 8P
   4-2-3-2-input AND-OR-invert gate
1996 Mar 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com