データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6553 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMH6553
部品情報  LMH6553 900 MHz Fully Differential Amplifier With Output Limiting Clamp
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6553 データシート(HTML) 5 Page - Texas Instruments

  LMH6553 Datasheet HTML 1Page - Texas Instruments LMH6553 Datasheet HTML 2Page - Texas Instruments LMH6553 Datasheet HTML 3Page - Texas Instruments LMH6553 Datasheet HTML 4Page - Texas Instruments LMH6553 Datasheet HTML 5Page - Texas Instruments LMH6553 Datasheet HTML 6Page - Texas Instruments LMH6553 Datasheet HTML 7Page - Texas Instruments LMH6553 Datasheet HTML 8Page - Texas Instruments LMH6553 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LMH6553
www.ti.com
SNOSB07H – SEPTEMBER 2008 – REVISED MARCH 2013
VS = ±5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, VS = ±5V, AV = 1, VCM = 0V, VCLAMP = 3V, RF = RG = 275Ω,
RL = 200Ω, for single-ended in, differential out. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
Input Bias Current
VCM(TYPICAL) = 0,
(11)
−8
−3.5
1
VCM(MIN) = −3.2 V,
(11)
−9
−4.5
µA
VCM(MAX) = +3.2V,
(11)
−2.5
2
Voltage Range
±3.14
±3.18
V
CMRR
Measure VOD, VID = 0V
80
dB
Input Resistance
200
k
Gain
ΔVO,CM/ΔVCM
0.995
1.00
1.008
V/V
Miscellaneous Performance
ZT
Open Loop Transimpedance
Differential
112
dB
PSRR
Power Supply Rejection Ratio
DC,
ΔVS = ±1V
87
dB
IS
Supply Current
RL = ∞
25
29.1
33
mA
37
(11) Negative current implies current flowing out of the device.
VS = ±2.5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, VS = ±2.5V, AV = 1, VCM = 0V, VCLAMP = 2V, RF = RG = 275Ω,
RL = 200Ω, for single-ended in, differential out. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
AC Performance (Differential)
SSBW
Small Signal
−3 dB Bandwidth (2)
VOUT = 0.2 VPP, AV = 1, RL = 1 kΩ
875
VOUT = 0.2 VPP, AV = 1
630
VOUT = 0.2 VPP, AV = 2
580
MHz
VOUT = 0.2 VPP, AV = 4
540
VOUT = 0.2 VPP, AV = 8 , (RF = 400Ω, RG =
315
50
Ω)
LSBW
Large Signal
−3 dB Bandwidth
VOUT = 2 VPP, AV = 1, RL = 1 kΩ
640
VOUT = 2 VPP, AV = 1
485
VOUT = 2 VPP, AV = 2
435
MHz
VOUT = 2 VPP, AV = 4
420
VOUT = 2 VPP, AV = 8, (RF = 400Ω, RG = 50Ω)
405
0.1 dB Bandwidth
VOUT = 0.2 VPP, AV = 1
60
MHz
0.5 dB Bandwidth
VOUT = 0.2 VPP, AV = 1
236
MHz
Slew Rate
2V Step, AV = 1
1350
V/
μs
Rise/Fall Time, 10%-90%
2V Step
860
ps
0.1% Settling Time
2V Step
10
ns
1.0% Settling Time
2V Step
6
ns
Distortion and Noise Response
HD2
2nd Harmonic Distortion
VOUT = 2 VPP, f = 20 MHz, RL = 800Ω
−80
dBc
VOUT = 2 VPP, f = 70 MHz, RL = 800Ω
−72
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. See Application Information for information on temperature de-rating of this device."
Min/Max ratings are based on product characterization and simulation. Individual parameters are tested as noted.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6553


同様の部品番号 - LMH6553

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6553 NSC-LMH6553 Datasheet
778Kb / 24P
   900 MHz Fully Differential Amplifier With Output Limiting Clamp
LMH6553MR NSC-LMH6553MR Datasheet
778Kb / 24P
   900 MHz Fully Differential Amplifier With Output Limiting Clamp
LMH6553MRE NSC-LMH6553MRE Datasheet
778Kb / 24P
   900 MHz Fully Differential Amplifier With Output Limiting Clamp
LMH6553MRENOPB NSC-LMH6553MRENOPB Datasheet
1Mb / 39P
   LMH6553 900 MHz Fully Differential Amplifier With Output Limiting Clamp
LMH6553MRNOPB NSC-LMH6553MRNOPB Datasheet
1Mb / 39P
   LMH6553 900 MHz Fully Differential Amplifier With Output Limiting Clamp
More results

同様の説明 - LMH6553

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6553 NSC-LMH6553_14 Datasheet
1Mb / 39P
   LMH6553 900 MHz Fully Differential Amplifier With Output Limiting Clamp
LMH6553 NSC-LMH6553 Datasheet
778Kb / 24P
   900 MHz Fully Differential Amplifier With Output Limiting Clamp
logo
Texas Instruments
THS4541-Q1 TI1-THS4541-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   850-MHz Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
logo
STMicroelectronics
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
   Fully differential input/output
logo
Texas Instruments
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com