データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC217-40 データシート(PDF) 1 Page - Texas Instruments

部品番号 TC217-40
部品情報  pixel ccd image sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TC217-40 データシート(HTML) 1 Page - Texas Instruments

  TC217-40 Datasheet HTML 1Page - Texas Instruments TC217-40 Datasheet HTML 2Page - Texas Instruments TC217-40 Datasheet HTML 3Page - Texas Instruments TC217-40 Datasheet HTML 4Page - Texas Instruments TC217-40 Datasheet HTML 5Page - Texas Instruments TC217-40 Datasheet HTML 6Page - Texas Instruments TC217-40 Datasheet HTML 7Page - Texas Instruments TC217-40 Datasheet HTML 8Page - Texas Instruments TC217-40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TC217
1158 × 488PIXEL CCD IMAGE SENSOR
SOCS015C − OCTOBER 1989 − REVISED JUNE 1996
Copyright
1996, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
High-Resolution, Solid-State Monochrome
Image Sensor for Video or Still-Picture
Photography
Frame Transfer With Two Field Memories
Allows Multimode Operation
1134 (H) x 486 (V) Active Elements in
Image-Sensing Area
11-mm Image-Area Diagonal is Compatible
With 2/3” Vidicon Optics
Fast Clear Capability
Electron-Hole Recombination Antiblooming
Dynamic Range . . . More Than 60 dB
High Photoresponse Uniformity
On-Chip Cross-Coupled Resets for Easy
Off-Chip Implementation of CCSH Video
Signal Processing
Solid-State Reliability With No Image
Burn-in, Residual Imaging, Image
Distortion, Image Lag, or Microphonics
description
The TC217 is a frame-transfer charge-coupled-device (CCD) image sensor with two field memories. It is
suitable for use in NTSC video or still-picture photography applications. Its image-sensing area is configured
into 488 lines; 486 of these are active and the remaining two are used for dark reference. Each line is configured
into 1158 pixels with 1134 active and 24 for dark reference. The TC217 has a standard aspect ratio of 4:3 and
a standard 11-mm image-sensing-area diagonal. Its blooming protection, which is an integral part of each pixel,
is based on electron-hole recombination and is activated by clocking the antiblooming gate.
One important aspect of the TC217 high-resolution sensor is its ability to simultaneously capture both fields of
a TV frame. Its two independently addressable memories allow separate storage of each field and operation
in a variety of modes, including EIA-170 (formerly RS-170) with true interlace, EIA-170 with pseudointerlace,
and nonstandard pseudointerlace with a resolution of 972 lines.
A unique multiplexer section (see Figure 3) rearranges the horizontal pixels into vertical groups of three and
separates and loads the image into the two field memories. The independent addressing of each field memory
provides flexibility for different modes of operation. The interdigitated layout of the memories allows each
memory to share the same bank of three serial registers and associated charge detection amplifiers (see
Figure 4 and the functional block diagram). Each register and associated amplifier reads out every third column
of the image area (see Figure 5). The three amplifiers are optimized dual source-followers that allow the use
of off-chip double-correlated clamp-sample-and-hold amplifiers for removing KTC noise.
The TC217 is built using TI-proprietary virtual-phase technology, which provides devices with high blue
response, low dark signal, good uniformity, and single-phase clocking. The TC217 is characterized for operation
from −10
°C to 40°C.
This MOS device contains limited built-in gate protection. During storage or handling, the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to SUB. Under no
circumstances should pin voltages exceed absolute maximum ratings. Avoid shorting OUTn to ADB during operation to prevent
damage to the amplifier. The device can also be damaged if the output terminals are reverse-biased and an excessive current is
allowed to flow. Specific guidelines for handling devices of this type are contained in the publication Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
SUB
CDB
AMP GND
OUT1
OUT2
OUT3
ADB
SAG1
IAG
ABG
SUB
SUB
TRG
SRG1
SRG2
SRG3
SAG2
TMG
IAG
ABG
TDB
SUB
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
DUAL-IN-LINE PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - TC217-40

メーカー部品番号データシート部品情報
logo
Texas Instruments
TC217 TI-TC217 Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
More results

同様の説明 - TC217-40

メーカー部品番号データシート部品情報
logo
Texas Instruments
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com