データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC245-40 データシート(PDF) 9 Page - Texas Instruments

部品番号 TC245-40
部品情報  pixel ccd image sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TC245-40 データシート(HTML) 9 Page - Texas Instruments

Back Button TC245-40 Datasheet HTML 5Page - Texas Instruments TC245-40 Datasheet HTML 6Page - Texas Instruments TC245-40 Datasheet HTML 7Page - Texas Instruments TC245-40 Datasheet HTML 8Page - Texas Instruments TC245-40 Datasheet HTML 9Page - Texas Instruments TC245-40 Datasheet HTML 10Page - Texas Instruments TC245-40 Datasheet HTML 11Page - Texas Instruments TC245-40 Datasheet HTML 12Page - Texas Instruments TC245-40 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TC245
786-
× 488-PIXEL CCD IMAGE SENSOR
SOCS019A – DECEMBER 1991
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
mV
Amplitude
t
Illumination
% of Total
t
Figure 8. Pixel-Nonuniformity,
Figure 9. Pixel-Nonuniformity,
Dark Condition
Illuminated Condition
The grade specification for the TC245 is as follows (CCD video-output signal is 50 mV
±10 mV):
Pixel-nonuniformity:
DARK CONDITION
ILLUMINATED CONDITION
DISTANCE
PART
NONUNIFORM PIXEL TYPE
TOTAL
SEPARATION
PART
NUMBER
PIXEL
AMPLITUDE x
WHITE
BLACK
W/B†
% OF TOTAL
AREA A
AREA B
TOTAL
COUNT‡
NUMBER
AMPLITUDE, x
(mV)
AREA
AREA
AREA
ILLUMINATION
AREA A
AREA B
COUNT‡
X
Y
AREA
()
A
B
A
B
A
B
TC245-20
x > 3.5
0
0
0
0
0
0
x > 5
0
0
TC245-30
2.5 < x
≤ 3.5
2
5
2
5
2
5
5.0 < x
≤ 7.5
2
5
12
100
80
A
TC245-30
x > 3.5
0
0
0
0
0
0
x > 7.5
0
0
12
100
80
A
TC245 40
3.5 < x
≤ 7
3
7
3
7
3
7
7.5 < x
≤ 15
3
7
15
TC245-40
x > 7
0
0
0
0
0
0
x > 15
0
0
15
† White and black nonuniform pixel pair
‡ The total spot count is the sum of all nonuniform white, black, and white/black pairs in the dark condition added to the number of nonuniform black
pixels in the illuminated condition. The sum of all nonuniform combinations do not exceed the total count.
Column nonuniformity:
PART
COLUMN
AMPLITUDE x
WHITE
BLACK
PART
NUMBER
AMPLITUDE, x
(mV)
AREAS
AREAS
NUMBER
(mV)
A AND B
A AND B
TC245-20
x > 0.3
0
0
TC245-30
x > 0.5
0
0
TC245-40
x > 0.7
0
0


同様の部品番号 - TC245-40

メーカー部品番号データシート部品情報
logo
Texas Instruments
TC245 TI-TC245 Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
More results

同様の説明 - TC245-40

メーカー部品番号データシート部品情報
logo
Texas Instruments
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
[Old version datasheet]   pixel ccd image sensor
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com