データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCAN1042-Q1 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TCAN1042-Q1
部品情報  Automotive Fault Protected CAN Transceiver with CAN FD
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042-Q1 データシート(HTML) 2 Page - Texas Instruments

  TCAN1042-Q1 Datasheet HTML 1Page - Texas Instruments TCAN1042-Q1 Datasheet HTML 2Page - Texas Instruments TCAN1042-Q1 Datasheet HTML 3Page - Texas Instruments TCAN1042-Q1 Datasheet HTML 4Page - Texas Instruments TCAN1042-Q1 Datasheet HTML 5Page - Texas Instruments TCAN1042-Q1 Datasheet HTML 6Page - Texas Instruments TCAN1042-Q1 Datasheet HTML 7Page - Texas Instruments TCAN1042-Q1 Datasheet HTML 8Page - Texas Instruments TCAN1042-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
TCAN1042-Q1, TCAN1042V-Q1, TCAN1042H-Q1
TCAN1042HV-Q1, TCAN1042G-Q1, TCAN1042GV-Q1
TCAN1042HG-Q1, TCAN1042HGV-Q1
SLLSES9A – FEBRUARY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TCAN1042-Q1 TCAN1042V-Q1 TCAN1042H-Q1 TCAN1042HV-Q1 TCAN1042G-Q1
TCAN1042GV-Q1 TCAN1042HG-Q1 TCAN1042HGV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configurations and Functions ....................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ..................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
Switching Characteristics .......................................... 9
7.7
Typical Characteristics ............................................ 10
8
Parameter Measurement Information ................ 11
9
Detailed Description ............................................ 14
9.1
Overview ................................................................. 14
9.2
Functional Block Diagram ....................................... 14
9.3
Feature Description................................................. 15
9.4
Device Functional Modes........................................ 18
10
Application and Implementation........................ 22
10.1
Application Information.......................................... 22
10.2
Typical Applications .............................................. 22
11
Power Supply Requirements ............................. 26
12
Layout................................................................... 26
12.1
Layout Guidelines ................................................. 27
12.2
Layout Example .................................................... 27
13
Device and Documentation Support ................. 28
13.1
Related Links ........................................................ 28
13.2
Trademarks ........................................................... 28
13.3
Electrostatic Discharge Caution ............................ 28
13.4
Glossary ................................................................ 28
14
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (March 2016) to Revision A
Page
Changed Features From: Meets the Requirements of ISO11898-2 (2016) To: Meets the December 17th, 2015 Draft
of ISO 11898-2 Physical Layer Update ................................................................................................................................. 1
Added Features "Meets the Released ISO 11898-2:2007 and ISO 11898-2:2003 Physical Layer Standards" ................... 1
Changed the Applications list ................................................................................................................................................. 1
Added the VSON (8) pin package to the Device Information table ........................................................................................ 1
Added the VSON (8) pin package to the Pin Configurations and Functions.......................................................................... 3
Added V(Diff) to the Absolute Maximum Ratings
(1) (2) table .................................................................................................... 4
Changed HBM for the CAN bus terminals From: ±10000 To: ±16000 in ESD Ratings ........................................................ 4
Changed OTP to TSD in the Functional Block Diagram ..................................................................................................... 14
Added Note 2 to Table 2 ..................................................................................................................................................... 16
Added Note 1 to Table 3 ..................................................................................................................................................... 16
Added pin number to the Layout Example image ............................................................................................................... 27


同様の部品番号 - TCAN1042-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
TCAN1042-Q1 TI1-TCAN1042-Q1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

同様の説明 - TCAN1042-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046-Q1 TI-TCAN1046-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TCAN1046-Q1 Automotive Fault-Protected Dual CAN FD Transceiver with Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com