データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCAN1051DQ1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TCAN1051DQ1
部品情報  Automotive Fault Protected CAN Transceiver with CAN FD
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1051DQ1 データシート(HTML) 11 Page - Texas Instruments

Back Button TCAN1051DQ1 Datasheet HTML 7Page - Texas Instruments TCAN1051DQ1 Datasheet HTML 8Page - Texas Instruments TCAN1051DQ1 Datasheet HTML 9Page - Texas Instruments TCAN1051DQ1 Datasheet HTML 10Page - Texas Instruments TCAN1051DQ1 Datasheet HTML 11Page - Texas Instruments TCAN1051DQ1 Datasheet HTML 12Page - Texas Instruments TCAN1051DQ1 Datasheet HTML 13Page - Texas Instruments TCAN1051DQ1 Datasheet HTML 14Page - Texas Instruments TCAN1051DQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
VO
CL_RXD
CANH
RXD
CANL
VID
VID
0.5V
0.9V
1.5V
0V
VO(RXD)
50%
VOH
VOL
tpDL
tpRH
90%
10%
tR
tF
IO
Copyright © 2016, Texas Instruments Incorporated
VOD
RL
CANH
CANL
TXD
RCM
RCM
VCM
CL
TXD
0.9V
0.5V
VOD
tpLD
tpHR
50%
50%
VO(CANH)
VO(CANL)
10%
tR
tF
90%
0V
VCC
Copyright © 2016, Texas Instruments Incorporated
11
TCAN1051-Q1, TCAN1051V-Q1, TCAN1051H-Q1
TCAN1051HV-Q1, TCAN1051G-Q1, TCAN1051GV-Q1
TCAN1051HG-Q1, TCAN1051HGV-Q1
www.ti.com
SLLSET0B – MARCH 2016 – REVISED MAY 2016
Product Folder Links: TCAN1051-Q1 TCAN1051V-Q1 TCAN1051H-Q1 TCAN1051HV-Q1 TCAN1051G-Q1
TCAN1051GV-Q1 TCAN1051HG-Q1 TCAN1051HGV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Parameter Measurement Information
Figure 5. Driver Test Circuit and Measurement
Figure 6. Receiver Test Circuit and Measurement
Table 1. Receiver Differential Input Voltage Threshold Test (See Figure 6)
INPUT
OUTPUT
VCANH
VCANL
|VID|
RXD
-29.5 V
-30.5 V
1000 mV
L
VOL
30.5 V
29.5 V
1000 mV
L
-19.55 V
-20.45 V
900 mV
L
20.45 V
19.55 V
900 mV
L
-19.75 V
-20.25 V
500 mV
H
VOH
20.25 V
19.75 V
500 mV
H
-29.8 V
-30.2 V
400 mV
H
30.2 V
29.8 V
400 mV
H
Open
Open
X
H


同様の部品番号 - TCAN1051DQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCAN1051DQ1 TI1-TCAN1051DQ1 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

同様の説明 - TCAN1051DQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046-Q1 TI-TCAN1046-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TCAN1046-Q1 Automotive Fault-Protected Dual CAN FD Transceiver with Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com