データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTBA6C12H8-0-T6-G データシート(PDF) 9 Page - Cystech Electonics Corp.

部品番号 MTBA6C12H8-0-T6-G
部品情報  N- AND P-Channel Enhancement Mode MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C12H8-0-T6-G データシート(HTML) 9 Page - Cystech Electonics Corp.

Back Button MTBA6C12H8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 10Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 11Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 12Page - Cystech Electonics Corp. MTBA6C12H8-0-T6-G Datasheet HTML 13Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C973H8
Issued Date : 2016.07.06
Revised Date :
Page No. : 9/13
MTBA6C12H8
CYStek Product Specification
Typical Characteristics(Cont.) : Q2(P-channel)
Typical Transfer Characteristics
0
2
4
6
8
0
1
2
3
4
5
-VGS, Gate-Source Voltage(V)
VDS=-10V
Single Pulse Power Rating, Junction to Ambient
(Note on page 2)
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
Pulse Width(s)
TJ(MAX)=150°C
TA=25°C
RθJA=50°C/W
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*RθJA(t)
4.RθJA=50°C/W
Maximum Drain Current vs Case Temperature
0
1
2
3
4
5
6
25
50
75
100
125
150
175
200
TC, Case Temperature(°C)
Tj(max)=150°C, VGS=-4.5V
RθJC=6°C/W


同様の部品番号 - MTBA6C12H8-0-T6-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTBA6C12H8-0-T6-G CYSTEKEC-MTBA6C12H8-0-T6-G Datasheet
701Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
More results

同様の説明 - MTBA6C12H8-0-T6-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
   N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
logo
Cystech Electonics Corp...
MTC4703H8 CYSTEKEC-MTC4703H8 Datasheet
722Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4603H8 CYSTEKEC-MTC4603H8 Datasheet
729Kb / 14P
   N- and P-Channel Enhancement Mode MOSFET
MTC4203BN8J CYSTEKEC-MTC4203BN8J Datasheet
408Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com