データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD817B データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FOD817B
部品情報  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD817B データシート(HTML) 8 Page - Fairchild Semiconductor

  FOD817B Datasheet HTML 1Page - Fairchild Semiconductor FOD817B Datasheet HTML 2Page - Fairchild Semiconductor FOD817B Datasheet HTML 3Page - Fairchild Semiconductor FOD817B Datasheet HTML 4Page - Fairchild Semiconductor FOD817B Datasheet HTML 5Page - Fairchild Semiconductor FOD817B Datasheet HTML 6Page - Fairchild Semiconductor FOD817B Datasheet HTML 7Page - Fairchild Semiconductor FOD817B Datasheet HTML 8Page - Fairchild Semiconductor FOD817B Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/19/04
Page 8 of 9
© 2004 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
FOD817 Series
Lead Free recommended IR Reflow condition
Recommended Wave Soldering condition
Profile Feature
Pb-Sn solder assembly
Lead Free assembly
Preheat condition
(Tsmin-Tsmax / ts)
100°C ~ 150°C
60 ~ 120 sec
150°C ~ 200°C
60 ~120 sec
Melt soldering zone
183°C
60 ~ 120 sec
217°C
30 ~ 90 sec
Peak temperature (Tp)
240 +0/-5°C
250 +0/-5°C
Ramp-down rate
6°C/sec max.
6°C/sec max.
Profile Feature
For all solder assembly
Peak temperature (Tp)
Max 260°C for 10 sec
Time (sec)
ts (Preheat)
25
°C
Tsmin
Tsmax
Tp
Soldering zon
Ramp-down


同様の部品番号 - FOD817B

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD817B FAIRCHILD-FOD817B Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817B FAIRCHILD-FOD817B Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B FAIRCHILD-FOD817B Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B FAIRCHILD-FOD817B Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
logo
ON Semiconductor
FOD817B ONSEMI-FOD817B Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
More results

同様の説明 - FOD817B

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com