データシートサーチシステム |
|
LM2901QPWRG4Q1 データシート(PDF) 1 Page - Texas Instruments |
|
|
LM2901QPWRG4Q1 データシート(HTML) 1 Page - Texas Instruments |
1 / 20 page IN– IN+ OUT Copyright © 2016, Texas Instruments Incorporated Product Folder Sample & Buy Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. LM2901-Q1, LM2901V-Q1, LM2901AV-Q1 SLCS142E – DECEMBER 2003 – REVISED MAY 2016 LM2901x-Q1 Quadruple Differential Comparator 1 1 Features 1 • Qualified for Automotive Applications • AEC-Q100 Qualified With the Following Results: – Device Temperature Grade 1: –40°C to 125°C Ambient Operating Temperature Range – Device HBM ESD Classification Level H2 – Device CDM ESD Classification Level C6 • Single Supply or Dual Supplies • Low Supply-Current Drain Independent of Supply Voltage: 0.8 mA (Typical) • Low Input Bias Current: 25 nA (Typical) • Low Input Offset Current: 2 nA (Typical) • Low Input Offset Voltage: 2 mV (Typical) • Common-Mode Input Voltage Range Includes Ground • Differential Input Voltage Range Equal to Maximum-Rated Supply Voltage: ±36 V • Low Output Saturation Voltage • Output Compatible With TTL, MOS, and CMOS • For Single Version in 5-Pin SOT-23, See the TL331-Q1 (SLVS969) 2 Applications • Automotive – HEV/EV and Power Trains – Infotainment and Clusters – Body Control Modules • Industrial • Power Supervision • Oscillators • Peak Detectors • Logic Voltage Translation 3 Description The LM2901x-Q1 family of devices consists of four independent voltage comparators, designed to operate from a single power supply over a wide range of voltages. Operation from dual supplies is possible, provided the difference between the two supplies is 2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode voltage. Current drain is independent of the supply voltage. The outputs can be connected to other open-collector outputs to achieve wired-AND relationships. LM2901V-Q1 supports higher VCC voltage and LM2901AV-Q1 supports higher VCC and lower VIO. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) LM2901xx-Q1PW TSSOP (14) 4.40 mm × 5.00 mm LM2901xx-Q1D SOIC (14) 3.91 mm × 8.65 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. Simplified Schematic |
同様の部品番号 - LM2901QPWRG4Q1 |
|
同様の説明 - LM2901QPWRG4Q1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |