データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR14020SQDPRRQ1 データシート(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR14020SQDPRRQ1
部品情報  LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14020SQDPRRQ1 データシート(HTML) 18 Page - Texas Instruments

Back Button LMR14020SQDPRRQ1 Datasheet HTML 14Page - Texas Instruments LMR14020SQDPRRQ1 Datasheet HTML 15Page - Texas Instruments LMR14020SQDPRRQ1 Datasheet HTML 16Page - Texas Instruments LMR14020SQDPRRQ1 Datasheet HTML 17Page - Texas Instruments LMR14020SQDPRRQ1 Datasheet HTML 18Page - Texas Instruments LMR14020SQDPRRQ1 Datasheet HTML 19Page - Texas Instruments LMR14020SQDPRRQ1 Datasheet HTML 20Page - Texas Instruments LMR14020SQDPRRQ1 Datasheet HTML 21Page - Texas Instruments LMR14020SQDPRRQ1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
IND
OUT
SW
OUT
S
L
OUT
OUT
_
W
C
K
I
C
C
8
¦
i
¦
V
8
u
u
'
u
'
u
u
OUT_ESR
L
IND
OUT
V
i
ESR
K
I
ESR
'
' u
u
u
IN_MAX
OUT
OUT
MIN
OUT
IN
SW
D
IN_MAX
V
V
V
L
I
¦
K
V
u
u
u
OUT
IN_MAX
OUT
L
IN _ MAX
SW
V
(V
V
)
V
¦
i
L
u
'
u u
S
T
1.088
W
¦
N+]
R (k )
42904
:
u
OUT
FBT
FBB
V
0.75
R
R
0.75
u
18
LMR14020-Q1
SNVSAG4A – NOVEMBER 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: LMR14020-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
8.2.2.1
Output Voltage Set-Point
The output voltage of LMR14020-Q1 is externally adjustable using a resistor divider network. The divider network
is comprised of top feedback resistor RFBT and bottom feedback resistor RFBB. Equation 7 is used to determine
the output voltage:
(7)
Choose the value of RFBT to be 100 kΩ. With the desired output voltage set to 5 V and the VFB = 0.75 V, the RFBB
value can then be calculated using Equation 7. The formula yields to a value 17.65 k
Ω. Choose the closest
available value of 17.8 k
Ω for RFBB.
8.2.2.2
Switching Frequency
For desired frequency, use Equation 8 to calculate the required value for RT.
(8)
For 1 MHz, the calculated RT is 23.36 kΩ and standard value 23.2 kΩ can be used to set the switching frequency
at 1 MHz.
8.2.2.3
Output Inductor Selection
The most critical parameters for the inductor are the inductance, saturation current and the RMS current. The
inductance is based on the desired peak-to-peak ripple current ΔiL. Since the ripple current increases with the
input voltage, the maximum input voltage is always used to calculate the minimum inductance LMIN. Use
Equation 9 to calculate the minimum value of the output inductor. KIND is a coefficient that represents the amount
of inductor ripple current relative to the maximum output current. A reasonable value of KIND should be 20%-40%.
During an instantaneous short or over current operation event, the RMS and peak inductor current can be high.
The inductor current rating should be higher than current limit.
(9)
(10)
In general, it is preferable to choose lower inductance in switching power supplies, because it usually
corresponds to faster transient response, smaller DCR, and reduced size for more compact designs. But too low
of an inductance can generate too large of an inductor current ripple such that over current protection at the full
load could be falsely triggered. It also generates more conduction loss since the RMS current is slightly higher.
Larger inductor current ripple also implies larger output voltage ripple with same output capacitors. With peak
current mode control, it is not recommended to have too small of an inductor current ripple. A larger peak current
ripple improves the comparator signal to noise ratio.
For this design example, choose KIND = 0.4, the minimum inductor value is calculated to be 5.38 µH, and a
nearest standard value is chosen: 5.5 µH. A standard 5.5 μH ferrite inductor with a capability of 2.5 A RMS
current and 4 A saturation current can be used.
8.2.2.4
Output Capacitor Selection
The output capacitor(s), COUT, should be chosen with care since it directly affects the steady state output voltage
ripple, loop stability and the voltage over/undershoot during load current transients.
The output ripple is essentially composed of two parts. One is caused by the inductor current ripple going
through the Equivalent Series Resistance (ESR) of the output capacitors:
(11)
The other is caused by the inductor current ripple charging and discharging the output capacitors:
(12)


同様の部品番号 - LMR14020SQDPRRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14020SQDDAQ1 TI1-LMR14020SQDDAQ1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
LMR14020SQDDARQ1 TI1-LMR14020SQDDARQ1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
More results

同様の説明 - LMR14020SQDPRRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14020 TI-LMR14020_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI-LMR14050-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14030-Q1 TI1-LMR14030-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14020 TI1-LMR14020 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14020-Q1 TI1-LMR14020-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
LMR14050 TI-LMR14050_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER짰 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14030 TI1-LMR14030 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14030 SIMPLE SWITCHER짰 40 V 3.5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050 TI1-LMR14050 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR38020 TI-LMR38020 Datasheet
1Mb / 32P
[Old version datasheet]   LMR38020 SIMPLE SWITCHER짰 4.2-V to 80-V, 2-A Synchronous Buck Converter with 40-關A IQ
REVISED NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com