データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR14050 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR14050
部品情報  LMR14050 SIMPLE SWITCHER 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14050 データシート(HTML) 5 Page - Texas Instruments

  LMR14050 Datasheet HTML 1Page - Texas Instruments LMR14050 Datasheet HTML 2Page - Texas Instruments LMR14050 Datasheet HTML 3Page - Texas Instruments LMR14050 Datasheet HTML 4Page - Texas Instruments LMR14050 Datasheet HTML 5Page - Texas Instruments LMR14050 Datasheet HTML 6Page - Texas Instruments LMR14050 Datasheet HTML 7Page - Texas Instruments LMR14050 Datasheet HTML 8Page - Texas Instruments LMR14050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
LMR14050
www.ti.com
SNVSAA6A – FEBRUARY 2015 – REVISED MARCH 2015
Product Folder Links: LMR14050
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
7.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of -40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, the following
conditions apply: VIN = 4.0 V to 40 V
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
POWER SUPPLY (VIN PIN)
VIN
Operation input voltage
4
40
V
UVLO
Under voltage lockout thresholds
Rising threshold
3.5
3.7
3.9
V
Hysteresis
285
mV
ISHDN
Shutdown supply current
VEN = 0 V, TA = 25°C, 4.0 V ≤ VIN ≤ 40 V
1.0
3.0
μA
IQ
Operating quiescent current (non-
switching)
VFB = 1.0 V, TA = 25°C
40
μA
ENABLE (EN PIN)
VEN_TH
EN Threshold Voltage
1.05
1.20
1.38
V
IEN_PIN
EN PIN current
Enable threshold +50 mV
-4.6
μA
Enable threshold -50 mV
-1.0
IEN_HYS
EN hysteresis current
-3.6
μA
EXTERNAL SOFT-START
ISS
SS pin current
TA = 25°C
3
μA
VOLTAGE REFERENCE (FB PIN)
VFB
Feedback voltage
TJ = 25°C
0.744
0.750
0.756
V
TJ = -40°C to 125°C
0.735
0.750
0.765
V
HIGH-SIDE MOSFET
RDS_ON
On-resistance
VIN = 12 V, BOOT to SW = 5.8 V
90
180
m
High-side MOSFET CURRENT LIMIT
ILIMT
Current limit
VIN = 12 V, TA = 25°C, Open Loop
6.2
7.9
9.7
A
THERMAL PERFORMANCE
TSHDN
Thermal shutdown threshold
170
°C
THYS
Hysteresis
12
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
fSW
Switching frequency
RT = 49.9 kΩ, 1% accuracy
400
500
600
kHz
VSYNC_HI
SYNC clock high level threshold
1.7
V
VSYNC_LO
SYNC clock low level threshold
0.5
TSYNC_MIN
Minimum SYNC input pulse width
Measured at 500 kHz, VSYNC_HI > 3 V,
VSYNC_LO < 0.3 V
30
ns
TLOCK_IN
PLL lock in time
Measured at 500 kHz
100
µs
TON_MIN
Minimum controllable on time
VIN = 12 V, BOOT to SW = 5.8 V, ILoad =
1 A
75
ns
DMAX
Maximum duty cycle
fSW = 200 kHz
97
%


同様の部品番号 - LMR14050

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14050 TI-LMR14050 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 5 A Step-Down Converter
LMR14050-Q1 TI-LMR14050-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI-LMR14050-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
More results

同様の説明 - LMR14050

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14050 TI-LMR14050_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER짰 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI-LMR14050-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14020 TI-LMR14020_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14030 TI1-LMR14030 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14030 SIMPLE SWITCHER짰 40 V 3.5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 5 A Step-Down Converter
LMR14020 TI1-LMR14020 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14030-Q1 TI1-LMR14030-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
LMR14020-Q1 TI1-LMR14020-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
LMR14030-Q1 TI1-LMR14030-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 3.5A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com