データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR16006 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR16006
部品情報  LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMR16006 データシート(HTML) 4 Page - Texas Instruments

  LMR16006 Datasheet HTML 1Page - Texas Instruments LMR16006 Datasheet HTML 2Page - Texas Instruments LMR16006 Datasheet HTML 3Page - Texas Instruments LMR16006 Datasheet HTML 4Page - Texas Instruments LMR16006 Datasheet HTML 5Page - Texas Instruments LMR16006 Datasheet HTML 6Page - Texas Instruments LMR16006 Datasheet HTML 7Page - Texas Instruments LMR16006 Datasheet HTML 8Page - Texas Instruments LMR16006 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
LMR16006
SNVSA24 – OCTOBER 2014
www.ti.com
Product Folder Links: LMR16006
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Input Voltages
VIN to GND
-0.3
65
V
SHDN to GND
-0.3
65
FB to GND
-0.3
7
CB to SW
-0.3
7
Output Voltages
SW to GND
-0.3
65
SW to GND less than 30 ns transients
-2
65
TJ Operation Junction temperature
-40
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
-55
165
°C
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
2000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
500
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Buck Regulator
VIN
4
60
V
CB
4
66
CB to SW
-0.3
6
SW
-0.3
60
FB
0
5.5
Control
SHDN
0
60
Temperature
Operating junction temperature range, TJ
-40
125
°C
(1)
All numbers apply for packages soldered directly onto a 3" x 3" PC board with 2 oz. copper on 4 layers in still air in accordance to
JEDEC standards. Thermal resistance varies greatly with layout, copper thickness, number of layers in PCB, power distribution,
numberof thermal vias, board size, ambient temperature, and air flow.
7.4 Thermal Information
over operating free-air temperature range (unless otherwise noted)
THERMAL METRIC (1)
SOT
(6 PINS)
UNIT
JA
Junction-to-ambient thermal resistance
102
°C/W
JCtop
Junction-to-case (top) thermal resistance
36.9
JB
Junction-to board characterization parameter
28.4


同様の部品番号 - LMR16006

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR16006Y-Q1 TI-LMR16006Y-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006YQ TI-LMR16006YQ Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006YQ3 TI-LMR16006YQ3 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006YQ3DDCRQ1 TI-LMR16006YQ3DDCRQ1 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
More results

同様の説明 - LMR16006

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006 TI-LMR14006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
LMR54410 TI-LMR54410 Datasheet
1Mb / 27P
[Old version datasheet]   LMR544xx SIMPLE SWITCHER짰 4-V to 36-V, 0.6-A/1-A Buck Converter in a SOT-23 Package
SLUSEG8 ??OCTOBER 2021
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
LMR14003 TI1-LMR14003 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com