データシートサーチシステム |
|
LMV225 データシート(PDF) 4 Page - Texas Instruments |
|
LMV225 データシート(HTML) 4 Page - Texas Instruments |
4 / 37 page LMV225, LMV226, LMV228 SNWS013L – AUGUST 2003 – REVISED MARCH 2013 www.ti.com 2.7 DC AND AC ELECTRICAL CHARACTERISTICS (continued) Unless otherwise specified, all limits are specified to VDD = 2.7V; TJ = 25°C. Boldface limits apply at temperature extremes. (1) Symbol Parameter Condition Min Typ Max Units Logarithmic Slope (6) 900 MHz LMV225 44.0 LMV226 44.5 LMV228 44.0 DSBGA LMV228 WSON 48.5 1800 MHz LMV225 39.4 LMV226 41.6 LMV228 41.9 DSBGA LMV228 WSON 47.4 mV/dB 1900 MHz LMV225 38.5 LMV226 41.2 LMV228 41.6 DSBGA LMV228 WSON 46.6 2000 MHz LMV225 38.5 LMV226 41.0 LMV228 41.2 DSBGA LMV228 WSON 45.4 Logarithmic Intercept (6) 900 MHz LMV225 −45.5 LMV226 −24.5 LMV228 −27.2 DSBGA LMV228 WSON −23.7 1800 MHz LMV225 −46.6 LMV226 −25.1 LMV228 −28.2 DSBGA LMV228 WSON −23.8 dBm 1900 MHz LMV225 −46.3 LMV226 −24.9 LMV228 −28.0 DSBGA LMV228 WSON −23.7 2000 MHz LMV225 −46.7 LMV226 −24.7 LMV228 −28.0 DSBGA LMV228 WSON -23.6 VOUT Output Voltage No RF Input Power Present LMV225 214 350 LMV226 223 350 mV LMV228 228 350 IOUT Output Current Sourcing/Sinking LMV226 Only 4.5 5.3 mA ROUT Output Impedance LMV225/LMV228 only, no RF Input Power 19.8 29 k Ω Present 34 (6) Device is set in active mode with a 10 k Ω resistor from VDD to RFIN/EN. RF signal is applied using a 50Ω RF signal generator AC coupled to the RFIN/EN pin using a 100 pF coupling capacitor. 4 Submit Documentation Feedback Copyright © 2003–2013, Texas Instruments Incorporated Product Folder Links: LMV225 LMV226 LMV228 |
同様の部品番号 - LMV225_16 |
|
同様の説明 - LMV225_16 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |