データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV611 データシート(PDF) 1 Page - Texas Instruments

部品番号 LMV611
部品情報  LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV611 データシート(HTML) 1 Page - Texas Instruments

  LMV611_16 Datasheet HTML 1Page - Texas Instruments LMV611_16 Datasheet HTML 2Page - Texas Instruments LMV611_16 Datasheet HTML 3Page - Texas Instruments LMV611_16 Datasheet HTML 4Page - Texas Instruments LMV611_16 Datasheet HTML 5Page - Texas Instruments LMV611_16 Datasheet HTML 6Page - Texas Instruments LMV611_16 Datasheet HTML 7Page - Texas Instruments LMV611_16 Datasheet HTML 8Page - Texas Instruments LMV611_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Copyright © 2016, Texas Instruments Incorporated
±
+
ICHARGE
±
+
RSENSE
0.2
2 k
Ÿ
2 k
Ÿ
R2
R1
Load
10 k
Ÿ
R3
VOUT
Q1
2N3906
V
+
SENSE
3
OUT
Ch arg e
Ch arg e
1
R
R
V
I
1
I
R
x
x
: x
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMV611, LMV612, LMV614
SNOSC69C – APRIL 2012 – REVISED JULY 2016
LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power,
General-Purpose 1.8-V Operational Amplifiers
1
1 Features
1
Supply Values: 1.8 V (Typical)
Ensured 1.8-V, 2.7-V, and 5-V Specifications
Output Swing:
80 mV From Rail With 600-Ω Load
30 mV From Rail With 2-kΩ Load
VCM = 200 mV Beyond Rails
100-µA Supply Current (Per Channel)
1.4-MHz Gain Bandwidth Product
Maximum VOS = 4 mV
Temperature Range:
−40°C to 125°C
2 Applications
Consumer Communication
Consumer Computing
PDAs
Audio Pre-Amplifiers
Portable or Battery-Powered Electronic Equipment
Supply Current Monitoring
Battery Monitoring
Typical Application
3 Description
The LMV61x devices are single, dual, and quad low-
voltage, low-power operational amplifiers (op amps).
They
are
designed
specifically
for
low-voltage,
general-purpose
applications.
Other
important
product characteristics are, rail-to-rail input or output,
low supply voltage of 1.8 V and wide temperature
range. The LMV61x input common mode extends
200 mV beyond the supplies and the output can
swing rail-to-rail unloaded and within 30 mV with 2-kΩ
load at 1.8-V supply. The LMV61x achieves a gain
bandwidth of 1.4 MHz while drawing 100-µA (typical)
quiescent current.
The industrial-plus temperature range of
−40°C to
125°C allows the LMV61x to accommodate a broad
range of extended environment applications.
The LMV611 is offered in the tiny 5-pin SC70
package, the LMV612 in space-saving 8-pin VSSOP
and SOIC packages, and the LMV614 in 14-pin
TSSOP and SOIC packages. These small package
amplifiers offer an ideal solution for applications
requiring minimum PCB footprint. Applications with
area constrained PCB requirements include portable
and battery-operated electronics.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMV611
SOT-23 (5)
2.92 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
LMV612
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
4.90 mm × 3.91 mm
LMV614
TSSOP (14)
5.00 mm × 4.40 mm
SOIC (14)
8.64 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


同様の部品番号 - LMV611_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV611 TI-LMV611_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV611 Single/LMV612 Dual/LMV614 Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
More results

同様の説明 - LMV611_16

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV611 NSC-LMV611 Datasheet
1Mb / 28P
   Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV611 TI-LMV611_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV611 Single/LMV612 Dual/LMV614 Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV612 TI1-LMV612 Datasheet
1Mb / 28P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Texas Instruments
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV921 TI1-LMV921 Datasheet
824Kb / 23P
[Old version datasheet]   Single, Dual and Quad 1.8V, 1MHz, Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com