データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV1089 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMV1089
部品情報  Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV1089 データシート(HTML) 6 Page - Texas Instruments

Back Button LMV1089 Datasheet HTML 2Page - Texas Instruments LMV1089 Datasheet HTML 3Page - Texas Instruments LMV1089 Datasheet HTML 4Page - Texas Instruments LMV1089 Datasheet HTML 5Page - Texas Instruments LMV1089 Datasheet HTML 6Page - Texas Instruments LMV1089 Datasheet HTML 7Page - Texas Instruments LMV1089 Datasheet HTML 8Page - Texas Instruments LMV1089 Datasheet HTML 9Page - Texas Instruments LMV1089 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
LMV1089
SNAS441H – SEPTEMBER 2008 – REVISED MAY 2010
www.ti.com
OPERATING RATINGS
(1)
Supply Voltage
2.7V
≤ VDD ≤ 5.5V
I2CVDD
1.7V
≤ I2CVDD ≤ 5.5V
Supply Voltage(2)
Temperature Range
−40°C to 85°C
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
The voltage at I2CVDD must not exceed the voltage on VDD.
ELECTRICAL CHARACTERISTICS 3.3V
(1)
Unless otherwise specified, all limits specified for TJ = 25°C, VDD = 3.3V, VIN = 18mVP-P, f = 1kHz, EN = VDD, pass through
mode
(2), Pre Amp gain = 20dB, Post Amp gain = 6dB, R
L = 100kΩ, and CL = 4.7pF, CREF = 10nF
LMV1089
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limits (4)
f = 1kHz, VIN = 18mVP-P
63
dB
SNR
Signal-to-Noise Ratio
f = 1kHz, VIN = 18mVP-P, A-Weighted
65
dB
voice band (300 – 3400Hz)
eN
Input Referred Noise level
A-weighted
5
μVRMS
VIN
Maximum Input Signal
THD+N < 1%, Pre Amp Gain = 6dB
910
850
mVP-P (min)
f = 1kHz, Differential Out+, Out-
Maximum AC Output Voltage
1.2
1.1
VRMS (min)
THD+N < 1%
VOUT
DC Level at Outputs
Out+, Out-
800
mV
THD+N
Total Harmonic Distortion + Noise
Differential Out+ and Out-
0.1
0.2
% (max)
ZIN
Input Impedance
142
k
ZOUT
Output Impedance
300
Load Impedance (Out+, Out-)
RLOAD
10
k
Ω (min)
ZLOAD
CLOAD
100
pF (max)
AM
Microphone Preamplifier Gain Range
6 – 36
dB
Microphone Preamplifier Gain
1.7
dB (min)
AMR
f = 1kHz
2
Adjustment Resolution
2.3
dB (max)
Pass Through Mode and Summing
AP
Post Amplifier Gain Range
6 – 18
dB
Mode
2.6
dB (min)
APR
Post Amplifier Gain Resolution
3
3.4
dB (max)
ACR
Gain Compensation Range
±3
dB
f = 300Hz
0.5
dB
Maximum Gain Matching Difference
AMD
f = 1kHz
0.25
dB
After Calibration
f = 3kHz
0.5
dB
Crosstalk Attenuation between Mic1 and
XTalk
Measured at M1_UNP and M2_UNP
52
41
dB (min)
Mic2
TCAL
Calibration Duration
790
ms (max)
f = 1kHz (See TEST METHODS)
32
20
dBV(min)
FFNSE
Far Field Noise Suppression Electrical
f = 300Hz (See TEST METHODS)
37
22
dBV (min)
Signal-to-Noise Ratio Improvement
f = 1kHz (See TEST METHODS)
24
14
dBV (min)
SNRIE
Electrical
f = 300Hz (See TEST METHODS)
28
15
dBV (min)
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The voltage at I2CVDD must not exceed the voltage on VDD.
(3)
Typical values represent most likely parametric norms at TA = +25°C, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
(4)
Datasheet min/max specification limits are ensured by test, or statistical analysis.
6
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Links: LMV1089


同様の部品番号 - LMV1089

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV1089 NSC-LMV1089 Datasheet
1Mb / 32P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
LMV1089RL NSC-LMV1089RL Datasheet
1Mb / 32P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
LMV1089RLX NSC-LMV1089RLX Datasheet
1Mb / 32P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
LMV1089VY NSC-LMV1089VY Datasheet
1Mb / 32P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
LMV1089VYX NSC-LMV1089VYX Datasheet
1Mb / 32P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
More results

同様の説明 - LMV1089

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV1089 NSC-LMV1089 Datasheet
1Mb / 32P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
LMV1088 NSC-LMV1088 Datasheet
1Mb / 22P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
LMV1088 NSC-LMV1088_08 Datasheet
1Mb / 26P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
logo
Texas Instruments
LMV1088 TI1-LMV1088 Datasheet
1Mb / 30P
[Old version datasheet]   LMV1088 Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
logo
National Semiconductor ...
LMV1091 NSC-LMV1091 Datasheet
859Kb / 20P
   Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1090 NSC-LMV1090 Datasheet
752Kb / 24P
   Dual Input, Far Field Noise Suppression Microphone Amplifier
logo
Texas Instruments
LMV1091 TI1-LMV1091 Datasheet
805Kb / 22P
[Old version datasheet]   Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1090 TI1-LMV1090 Datasheet
857Kb / 25P
[Old version datasheet]   LMV1090 Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1099 TI1-LMV1099 Datasheet
720Kb / 26P
[Old version datasheet]   Uplink Far Field Noise Suppression & Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
LMV1099 TI1-LMV1099_15 Datasheet
940Kb / 27P
[Old version datasheet]   LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com