データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6622MDC データシート(PDF) 6 Page - Texas Instruments

部品番号 LMH6622MDC
部品情報  LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6622MDC データシート(HTML) 6 Page - Texas Instruments

Back Button LMH6622MDC Datasheet HTML 2Page - Texas Instruments LMH6622MDC Datasheet HTML 3Page - Texas Instruments LMH6622MDC Datasheet HTML 4Page - Texas Instruments LMH6622MDC Datasheet HTML 5Page - Texas Instruments LMH6622MDC Datasheet HTML 6Page - Texas Instruments LMH6622MDC Datasheet HTML 7Page - Texas Instruments LMH6622MDC Datasheet HTML 8Page - Texas Instruments LMH6622MDC Datasheet HTML 9Page - Texas Instruments LMH6622MDC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LMH6622
SNOS986E – DECEMBER 2001 – REVISED JULY 2014
www.ti.com
±6 V Electrical Characteristics (continued)
Unless otherwise specified, TJ = 25°C, V
+ = 6 V, V= −6 V, V
CM = 0 V, AV = +2, RF = 500 Ω, RL = 100 Ω. Some limits apply at
the temperature extremes as noted in the table.
TEMPERATURE
ROOM
EXTREMES
TEMPERATURE
PARAMETER
TEST CONDITIONS
UNIT
MIN(1)
TYP(2)
MAX(1)
MIN(1)
TYP(2)
MAX(1)
TRANSFER CHARACTERISTICS
AVOL
Large Signal Voltage Gain
VO = 4 VPP
70
74
83
dB
Xt
Crosstalk
f = 1 MHz
−75
dB
OUTPUT CHARACTERISTICS
VO
Output Swing
No Load, Positive Swing
4.6
4.8
5.2
No Load, Negative Swing
−4.4
−5.0
−4.6
V
RL = 100 Ω, Positive Swing
3.8
4.0
4.6
RL = 100 Ω, Negative Swing
−3.8
−4.6
−4
RO
Output Impedance
f = 1 MHz
0.08
ISC
Output Short Circuit
Sourcing to Ground
100
135
Current
ΔVIN = 200 mV
(5),(6)
mA
Sinking to Ground
100
130
ΔVIN = −200 mV
(5),(6)
IOUT
Output Current
Sourcing, VO = +4.3 V
mA
90
Sinking, VO = −4.3 V
POWER SUPPLY
+PSRR
Positive Power Supply
Input Referred,
74
80
95
Rejection Ratio
VS = +5 V to +6 V
dB
−PSRR
Negative Power Supply
Input Referred,
69
75
90
Rejection Ratio
VS = −5 V to −6 V
IS
Supply Current (per
No Load
mA
6.5
4.3
6
amplifier)
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(6)
Short circuit test is a momentary test. Output short circuit duration is infinite for VS ≤ ±2.5 V, at room temperature and below. For VS >
±2.5 V, allowable short circuit duration is 1.5ms.
6.6 ±2.5 V Electrical Characteristics
Unless otherwise specified, TJ = 25°C, V+ = 2.5 V, V− = −2.5 V, VCM = 0 V, AV = +2, RF = 500 Ω, RL = 100 Ω. Some limits
apply at the temperature extremes as noted in the table.
PARAMETER
TEST CONDITIONS
TEMPERATURE
ROOM
UNIT
EXTREMES
TEMPERATURE
MIN(1)
TYP(2)
MAX(1)
MIN(1)
TYP(2)
MAX(1)
DYNAMIC PERFORMANCE
fCL
−3 dB BW
VO = 200 mVPP
150
MHz
BW0.1dB 0.1dB Gain Flatness
VO = 200 mVPP
20
MHz
SR
Slew Rate (3)
VO = 2 VPP
80
V/
μs
TS
Settling Time
VO = 2 VPP to ±0.1%
45
ns
VO = 2 VPP to ±1.0%
40
Tr
Rise Time
VO = 0.2 V Step, 10% to 90%
2.5
ns
Tf
Fall Time
VO = 0.2 V Step, 10% to 90%
2.5
ns
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the slowest of the rising and falling slew rates.
6
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMH6622


同様の部品番号 - LMH6622MDC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6622MA NSC-LMH6622MA Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
LMH6622MAX NSC-LMH6622MAX Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
LMH6622MM NSC-LMH6622MM Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
LMH6622MMX NSC-LMH6622MMX Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
More results

同様の説明 - LMH6622MDC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ4580 ETC-AZ4580 Datasheet
234Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com