データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6622MDC データシート(PDF) 11 Page - Texas Instruments

部品番号 LMH6622MDC
部品情報  LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6622MDC データシート(HTML) 11 Page - Texas Instruments

Back Button LMH6622MDC Datasheet HTML 7Page - Texas Instruments LMH6622MDC Datasheet HTML 8Page - Texas Instruments LMH6622MDC Datasheet HTML 9Page - Texas Instruments LMH6622MDC Datasheet HTML 10Page - Texas Instruments LMH6622MDC Datasheet HTML 11Page - Texas Instruments LMH6622MDC Datasheet HTML 12Page - Texas Instruments LMH6622MDC Datasheet HTML 13Page - Texas Instruments LMH6622MDC Datasheet HTML 14Page - Texas Instruments LMH6622MDC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
0
500
1000
1500
2000
-120
-100
-80
-60
-40
-20
0
VIN (mVPP)
VS = ±6V
f = 1MHz
AV = +2
RL = 100:
HD3
HD2
0
200
400
600
800
1000
-120
-100
-80
-60
-40
-20
0
VIN (mVPP)
HD2
HD3
VS =
±2.5V
f = 1MHz
AV = +2
RL = 100:
500mV/DIV
100nS
INPUT
1V/DIV
OUTPUT
500mV/DIV
100nS
INPUT
1V/DIV
OUTPUT
50mV/DIV
100nS
INPUT
100mV/DIV
OUTPUT
50mV/DIV
100nS
INPUT
100mV/DIV
OUTPUT
LMH6622
www.ti.com
SNOS986E – DECEMBER 2001 – REVISED JULY 2014
Typical Performance Characteristics (continued)
Figure 13. Non-Inverting Small Signal Pulse Response
Figure 14. Non-Inverting Small Signal Pulse Response
VS = ±2.5 V, RL = 100 Ω, AV = +2, RF = 500 Ω
VS = ±6 V, RL = 100 Ω, AV = +2, RF = 500 Ω
Figure 15. Non-Inverting Large Signal Pulse Response
Figure 16. Non-Inverting Large Signal Pulse Response
VS = ±2.5 V, RL = 100 Ω, AV = +2, RF = 500 Ω
VS = ±6 V, RL = 100 Ω, AV = +2, RF = 500 Ω
Figure 17. Harmonic Distortion vs. Input Signal Level
Figure 18. Harmonic Distortion vs. Input Signal Level
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6622


同様の部品番号 - LMH6622MDC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6622MA NSC-LMH6622MA Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
LMH6622MAX NSC-LMH6622MAX Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
LMH6622MM NSC-LMH6622MM Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
LMH6622MMX NSC-LMH6622MMX Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
More results

同様の説明 - LMH6622MDC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ4580 ETC-AZ4580 Datasheet
234Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com