データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6643MA データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMH6643MA
部品情報  LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6643MA データシート(HTML) 10 Page - Texas Instruments

Back Button LMH6643MA Datasheet HTML 6Page - Texas Instruments LMH6643MA Datasheet HTML 7Page - Texas Instruments LMH6643MA Datasheet HTML 8Page - Texas Instruments LMH6643MA Datasheet HTML 9Page - Texas Instruments LMH6643MA Datasheet HTML 10Page - Texas Instruments LMH6643MA Datasheet HTML 11Page - Texas Instruments LMH6643MA Datasheet HTML 12Page - Texas Instruments LMH6643MA Datasheet HTML 13Page - Texas Instruments LMH6643MA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
LMH6642, LMH6643, LMH6644
SNOS966Q – MAY 2001 – REVISED SEPTEMBER 2014
www.ti.com
7.7
±5V Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = 5V, V= −5V, V
CM = VO = 0V, VID (input differential voltage) as noted
(where applicable) and RL = 2kΩ to ground.
AT TEMPERATURE
V+ = 5V, V=
−5V,
UNIT
EXTREMES
VCM = VO = 0V, VID
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN(1)
TYP(2)
MAX(1)
BW
−3dB BW
AV = +1, VOUT = 200mVPP
95
130
MHz
AV = +2, −1, VOUT = 200mVPP
46
BW0.1dB
0.1dB Gain
AV = +2, RL = 150Ω to V+/2,
MHz
12
Flatness
Rf = 806Ω, VOUT = 200mVPP
PBW
Full Power
AV = +1, −1dB, VOUT = 2VPP
MHz
24
Bandwidth
en
Input-Referred
f = 100kHz
17
nV/
√Hz
Voltage Noise
f = 1kHz
48
in
Input-Referred
f = 100kHz
0.90
pA/
√Hz
Current Noise
f = 1kHz
3.3
THD
Total Harmonic
f = 5MHz, VO = 2VPP, AV = +2
dBc
−62
Distortion
DG
Differential Gain
NTSC, AV = +2
0.15%
RL = 150Ω to V
+/2
RL = 1kΩ to V
+/2
0.01%
DP
Differential
NTSC, AV = +2
0.04
Phase
RL = 150Ω to V
+/2
deg
RL = 1kΩ to V
+/2
0.01
CT Rej.
Cross-Talk
f = 5MHz, Receiver:
47
dB
Rejection
Rf = Rg = 510Ω, AV = +2
TS
Settling Time
VO = 2VPP, ±0.1%, 8pF Load,
ns
68
VS = 5V
SR
Slew Rate (3)
AV = −1, VI = 2VPP
100
135
V/µs
VOS
Input Offset
For LMH6642 and LMH6644
±7
±1
±5
mV
Voltage
For LMH6643
±7
±1
±3.4
TC VOS
Input Offset
See (4)
µV/°C
±5
Average Drift
IB
Input Bias
See (5)
−3.25
−1.60
−2.60
µA
Current
IOS
Input Offset
1000
20
800
nA
Current
RIN
Common Mode
M
Input
3
Resistance
CIN
Common Mode
pF
Input
2
Capacitance
CMVR
Input Common-
CMRR
≥ 50dB
−5.1
−5.5
−5.2
Mode Voltage
V
3.6
3.8
4.0
Range
CMRR
Common Mode
VCM Stepped from −5V to 3.5V
dB
74
95
Rejection Ratio
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes by the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
10
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMH6642 LMH6643 LMH6644


同様の部品番号 - LMH6643MA

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6643MA NSC-LMH6643MA Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6643MA NSC-LMH6643MA Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results

同様の説明 - LMH6643MA

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6643Q-Q1 TI1-LMH6643Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6642Q/LMH6643Q Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6644-MIL TI1-LMH6644-MIL Datasheet
855Kb / 28P
[Old version datasheet]   Low-Power, 130-MHz, 75-mA Rail-to-Rail Output Amplifier
logo
Analog Devices
ADA4692 AD-ADA4692 Datasheet
706Kb / 20P
   Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
REV. D
ADA4691-2 AD-ADA4691-2_V01 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com