データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBF5372B データシート(PDF) 1 Page - SUNMATE electronic Co., LTD

部品番号 SMBF5372B
部品情報  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMBF5372B データシート(HTML) 1 Page - SUNMATE electronic Co., LTD

  SMBF5372B Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMBF5372B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMBF5333B - SMBF5388B
POWER: 5.0Wa t t s
VOLTAGE RANGE: 3.3 - 200V
1 of 2
Low leakage current
High reliability
High peak reverse power dissipation
Complete Voltage Range 3.3 to 200 Volts
Features
Rating
Symbol
Value
Unit
Power Dissipation at TL = 25 °C
PD
5W
Maximum Forward Voltage at IF = 1.0 A
VF
1.2
V
Thermal Resistance, Junction to Ambient (Note 1)
RӨJA
90
°C/W
Thermal Resistance, Junction to Lead (Note 1)
RӨJL
25
°C/W
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 150
°C
Note :
(1) When mounted on FR4 PC board (1 oz Cu) with recommended footprint.
www.sunmate.tw
SURFACE MOUNT SILICON ZENER DIODES
Case:SMBF , Molded Plastic
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.0018 ounces,0.05grams
Mechanical Data
!
!
!
!
0.73 0.77 0.75
0.021 0.20
1.96 2.00 1.98
1.38 1.35
1.32
3.60
3.63
3.57
4.30
4.33
4.27
5.50
5.55
5.45
SMBF
A
E
L
B
C
E
H
D
E
D
A
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm
0.019
Maximum Ratings TA = 25°C unless otherwise specified


同様の部品番号 - SMBF5372B

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
SMBF530SL GOOD-ARK-SMBF530SL Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
More results

同様の説明 - SMBF5372B

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com