データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDC7201ZAXT データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TDC7201ZAXT
部品情報  TDC7201 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR, Range Finders, and ADAS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TDC7201ZAXT データシート(HTML) 8 Page - Texas Instruments

Back Button TDC7201ZAXT Datasheet HTML 4Page - Texas Instruments TDC7201ZAXT Datasheet HTML 5Page - Texas Instruments TDC7201ZAXT Datasheet HTML 6Page - Texas Instruments TDC7201ZAXT Datasheet HTML 7Page - Texas Instruments TDC7201ZAXT Datasheet HTML 8Page - Texas Instruments TDC7201ZAXT Datasheet HTML 9Page - Texas Instruments TDC7201ZAXT Datasheet HTML 10Page - Texas Instruments TDC7201ZAXT Datasheet HTML 11Page - Texas Instruments TDC7201ZAXT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
VDD (V)
0.512
0.514
0.516
0.518
0.52
0.522
2
3.3
3.6
D022
Temperature (qC)
0.495
0.5
0.505
0.51
0.515
0.52
0.525
0.53
-40
25
85
D023
VDD (V)
249.8
249.85
249.9
249.95
250
250.05
250.1
2
3.3
3.6
D004
TOF TDC1 (ns)
TOF TDC2 (ns)
Temperature (qC)
249.8
249.85
249.9
249.95
250
250.05
250.1
-40
25
85
D005
TOF TDC1 (ns)
TOF TDC2 (ns)
VDD (V)
19.9998
19.99985
19.9999
19.99995
20
20.00005
20.0001
20.00015
20.0002
2
3.3
3.6
D001
TOF TDC1 (us)
TOF TDC2 (us)
Temperature (qC)
19.9998
19.99985
19.9999
19.99995
20
20.00005
20.0001
20.00015
20.0002
-40
25
85
D002
TOF TDC1 (us)
TOF TDC2 (us)
8
TDC7201
SNAS686 – MAY 2016
www.ti.com
Product Folder Links: TDC7201
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.8 Typical Characteristics
At TA = 25°C , VDD1 = VDD2 = 3.3 V, GND1 = GND2 = 0 V, CLOCK = 8 MHz, CALIBRATION2_PERIODS = 10,
AVG_CYCLES = 1 Measurement, NUM_STOP = Single STOP, Measurement Mode 2 (unless otherwise noted).
Figure 2. Time-of-Flight (TOF) vs VDD
(Measurement Mode 2)
Figure 3. TOF vs Temperature
(Measurement Mode 2)
Figure 4. TOF vs VDD
(Measurement Mode 1)
Figure 5. TOF vs Temperature
(Measurement Mode 1)
Figure 6. TOF vs. VDD (Mode 1 Combined Operation)
Figure 7. TOF vs. Temperature (Mode 1 Combined
Operation)


同様の部品番号 - TDC7201ZAXT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TDC7200 TI1-TDC7200 Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200EVM TI1-TDC7200EVM Datasheet
13Mb / 24P
[Old version datasheet]   TDC7200EVM User?셲 Guide
TDC7200PW TI1-TDC7200PW Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200PWR TI1-TDC7200PWR Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
More results

同様の説明 - TDC7201ZAXT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
logo
Espros Photonics corp
EPC600 EPC-EPC600 Datasheet
650Kb / 30P
   Time-of-flight range-finder chip
logo
ASM GmbH
PD-TDC-24VDC ASM-SENSOR-PD-TDC-24VDC Datasheet
168Kb / 4P
   Digital Process Meter for Time-of-Flight Sensors
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Banner Engineering Corp...
LT3BD BANNER-LT3BD Datasheet
396Kb / 9P
   LT3BD Long-Range Time-of-Flight Laser Sensor
LT7 BANNER-LT7 Datasheet
976Kb / 20P
   LT7 Long-Range Time-of-Flight Laser Sensor
logo
STMicroelectronics
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
   Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com