データシートサーチシステム |
|
TL16C552FNR データシート(PDF) 2 Page - Texas Instruments |
|
|
TL16C552FNR データシート(HTML) 2 Page - Texas Instruments |
2 / 33 page TL16C552 DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO SLLS102B − DECEMBER 1990 − REVISED MARCH 1996 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 description (continued) received from peripheral devices or modems and parallel-to-serial conversion on data characters transmitted by the CPU. The complete status of each channel of the dual ACE can be read at any time during functional operation by the CPU. The information obtained includes the type and condition of the transfer operations being performed and the error conditions. In addition to its dual communications interface capabilities, the TL16C552 provides the user with a fully bidirectional parallel data port that fully supports the parallel Centronics-type printer. The parallel port and the two serial ports provide IBM PC/AT-compatible computers with a single device to serve the three system ports. A programmable baud rate generator is included that can divide the timing reference clock input by a divisor between 1 and (216 − 1). The TL16C552 is housed in a 68-pin plastic leaded chip carrier. functional block diagram CTS0 DSR0 DCD0 RI0 SIN0 CS0 DB − DB7 RTS0 DTR0 SOUT0 INT0 RXRDY0 TXRDY0 RTS1 DTR1 SOUT1 INT1 RXRDY1 TXRDY1 BDO 24 25 26 45 9 22 12 11 10 60 61 42 53 − 46 57 56 55 58 59 CTS1 DSR1 DCD1 RI1 SIN1 CS1 28 31 29 30 41 32 14 − 21 8 8 13 5 8 6 62 3 36 37 39 4 A0 − A2 IOW IOR RESET CLK ERR SLCT BUSY PE ACK PEMD CS2 ENIRQ 63 65 66 67 68 1 38 43 8 8 PD0 − PD7 INIT AFD STB SLIN INT2 44 Select and Control Logic Parallel Port ACE #2 ACE #1 35 − 33 |
同様の部品番号 - TL16C552FNR |
|
同様の説明 - TL16C552FNR |