データシートサーチシステム |
|
TL051CDR データシート(PDF) 5 Page - Texas Instruments |
|
|
TL051CDR データシート(HTML) 5 Page - Texas Instruments |
5 / 67 page TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL051C and TL051AC electrical characteristics at specified free-air temperature † TL051C, TL051AC PARAMETER TEST CONDITIONS TA† VCC ± = ±5 V VCC ± = ±15 V UNIT MIN TYP MAX MIN TYP MAX TL051C 25 °C 0.75 3.5 0.59 1.5 VIO Input offset voltage TL051C Full range 4.5 2.5 mV VIO Input offset voltage TL051AC 25 °C 0.55 2.8 0.35 0.8 mV VO =0 TL051AC Full range 3.8 1.8 a Temperature coefficient VO = 0, VIC = 0, RS = 50 Ω TL051C 25 °C to 70 °C 8 8 µV/°C a V IO of input offset voltage‡ RS = 50 Ω TL051AC 25 °C to 70 °C 8 8 25 µV/°C Input offset-voltage long-term drift§ 25 °C 0.04 0.04 µV/mo IIO Input offset current VO = 0, VIC = 0, 25 °C 4 100 5 100 pA IIO Input offset current OIC See Figure 5 70 °C 0.02 1 0.025 1 nA IIB Input bias current VO = 0, VIC = 0, 25 °C 20 200 30 200 pA IIB Input bias current OIC See Figure 5 70 °C 0.15 4 0.2 4 nA VICR Common-mode input 25 °C –1 to 4 –2.3 to 5.6 –11 to 11 –12.3 to 15.6 V VICR voltage range Full range –1 to 4 –11 to 11 V RL =10kΩ 25 °C 3 4.2 13 13.9 VOM Maximum positive peak RL = 10 kΩ Full range 3 13 V VOM+ output voltage swing RL =2kΩ 25 °C 2.5 3.8 11.5 12.7 V RL = 2 kΩ Full range 2.5 11.5 RL =10kΩ 25 °C –2.5 –3.5 –12 –13.2 VOM Maximum negative peak RL = 10 kΩ Full range –2.5 –12 V VOM– g output voltage swing RL =2kΩ 25 °C –2.3 –3.2 –11 –12 V RL = 2 kΩ Full range –2.3 –11 L i l diff ti l 25 °C 25 59 50 105 AVD Large-signal differential voltage amplification¶ RL = 2 kΩ 0 °C 30 65 60 129 V/mV voltage am lification¶ 70 °C 20 46 30 85 ri Input resistance 25 °C 1012 1012 Ω ci Input capacitance 25 °C 10 12 pF Common mode V V min 25 °C 65 85 75 93 CMRR Common-mode rejection ratio VIC = VICRmin, VO =0 RS =50 Ω 0 °C 65 84 75 92 dB rejection ratio VO = 0, RS = 50 Ω 70 °C 65 84 75 91 Supply voltage rejection 25 °C 75 99 75 99 kSVR Supply-voltage rejection ratio ( ∆VCC±/∆VIO) VO = 0, RS = 50 Ω 0 °C 75 98 75 98 dB ratio ( ∆VCC±/∆VIO) 70 °C 75 97 75 97 25 °C 2.6 3.2 2.7 3.2 ICC Supply current VO = 0, No load 0 °C 2.7 3.2 2.8 3.2 mA CC y O 70 °C 2.6 3.2 2.7 3.2 † Full range is 0 °C to 70°C. ‡ This parameter is tested on a sample basis for the TL051A. For other test requirements, please contact the factory. This statement has no bearing on testing or nontesting of other parameters. § Typical values are based on the input offset-voltage shift observed through 168 hours of operating life test at TA = 150°C, extrapolated to TA = 25°C using the Arrhenius equation, and assuming an activation energy of 0.96 eV. ¶ For VCC± = ±5 V, VO = ±2.3 V, or for VCC± = ±15 V, VO = ±10 V. |
同様の部品番号 - TL051CDR |
|
同様の説明 - TL051CDR |