データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL103WAID データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL103WAID
部品情報  Dual Operational Amplifiers With Internal Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL103WAID データシート(HTML) 1 Page - Texas Instruments

  TL103WAID Datasheet HTML 1Page - Texas Instruments TL103WAID Datasheet HTML 2Page - Texas Instruments TL103WAID Datasheet HTML 3Page - Texas Instruments TL103WAID Datasheet HTML 4Page - Texas Instruments TL103WAID Datasheet HTML 5Page - Texas Instruments TL103WAID Datasheet HTML 6Page - Texas Instruments TL103WAID Datasheet HTML 7Page - Texas Instruments TL103WAID Datasheet HTML 8Page - Texas Instruments TL103WAID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SMPS
_
+
OP AMP2
_
+
OP AMP1
TL103W/A
Current
Sense
AC
Line
Opto
Isolator
Battery
R6
R3
R4
R5
R8
R2
R1
R7
R9
Constant Voltage Control
Constant Current Control
2.5 V
VREF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TL103W, TL103WA
SLOS437L – APRIL 2004 – REVISED FEBRUARY 2016
TL103W Dual Operational Amplifiers
With Internal Reference
1
1 Features
1
Operational Amplifier
Low Offset Voltage Max of:
TL103WA…3 mV (25°C) and 5 mV
(Full Temperature)
TL103W…4 mV (25°C) and 5 mV
(Full Temperature)
Low Supply Current…350
μA/Channel (Typ)
Unity Gain Bandwidth…0.9 MHz (Typ)
Input Common-Mode Range Includes GND
Large Output-Voltage Swing…
0 V to VCC – 1.5 V
Wide Supply-Voltage Range…3 V to 32 V
2.5-kV ESD Protection (HBM)
Voltage Reference
Fixed 2.5-V Reference
Tight Tolerance Max of:
TL103WA…0.4% (25°C) and 0.8%
(Full Temperature)
TL103W . . . 0.7% (25°C) and 1.4%
(Full Temperature)
Low Temperature Drift…7 mV (Typ) Over
Operating Temperature Range
Wide Sink-Current Range . . .
0.5 mA (Typ) to 100 mA
Output Impedance…0.2
Ω (Typ)
2 Applications
Battery Chargers
Switch-Mode Power Supplies
Linear Voltage Regulation
Data-Acquisition Systems
3 Description
The TL103W and TL103WA combine the building
blocks of a dual operational amplifier and a fixed
voltage reference – both of which often are used in
the control circuitry of both switch-mode and linear
power supplies. OP AMP1 has its noninverting input
internally tied to a fixed 2.5-V reference, while OP
AMP2 is independent, with both inputs uncommitted.
For the A grade, especially tight voltage regulation
can be achieved through low offset voltages for both
operational amplifiers (typically 0.5 mV) and tight
tolerances for the voltage reference (0.4% at 25°C
and 0.8% over operating temperature range).
The TL103W and TL103WA are characterized for
operation from –40°C to 105°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TL103W
TL103WA
SOIC (8)
4.90 mm x 3.91 mm
WSON (8)
4.00 mm x 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
Figure 1. TL103W/A in a Constant-Current and
Constant-Voltage Battery Charger


同様の部品番号 - TL103WAID

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL103WAID TI-TL103WAID Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103WAID TI-TL103WAID Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
TL103WAID TI1-TL103WAID Datasheet
927Kb / 18P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
TL103WAID TI1-TL103WAID Datasheet
1Mb / 29P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
TL103WAID TI1-TL103WAID Datasheet
1Mb / 32P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
DECEMBER 2023
More results

同様の説明 - TL103WAID

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI1-TL103W_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
TL103W TI1-TL103W_V01 Datasheet
927Kb / 18P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
TS103 TSC-TS103 Datasheet
365Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Linear Technology
LTC1051 LINER-LTC1051 Datasheet
971Kb / 15P
   Dual/Quad Precision Chopper Stabilized Operational Amplifiers with Internal Capacitors
LTC1051 LINER-LTC1051_15 Datasheet
304Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com