データシートサーチシステム |
|
TL972QPWRQ1 データシート(PDF) 2 Page - Texas Instruments |
|
|
TL972QPWRQ1 データシート(HTML) 2 Page - Texas Instruments |
2 / 20 page TL971-Q1 TL972-Q1 TL974-Q1 SLOS632A – MARCH 2009 – REVISED SEPTEMBER 2012 www.ti.com ABSOLUTE MAXIMUM RATINGS (1) over operating free-air temperature range (unless otherwise noted) VCC Supply voltage range(2) 2.7 V to 15 V VID Differential input voltage(3) ±1 V VIN Input voltage range(4) VCC– – 0.3 V to VCC+ + 0.3 V D package(5) 8 pin 97°C/W θJA Package thermal impedance, junction to free air 8 pin 149°C/W PW package(5) 14 pin 113°C/W TJ Maximum junction temperature 150°C Tlead Maximum lead temperature Soldering, 10 seconds 260°C Tstg Storage temperature range –65°C to 150°C Human-Body Model (HBM) 2000 V ESD Electrostatic discharge protection Machine Model (MM) 200 V Charged-Device Model (CDM) 1500 V (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential voltages, are with respect to network ground terminal. (3) Differential voltages for the noninverting input terminal are with respect to the inverting input terminal. (4) The input and output voltages must never exceed VCC + 0.3 V. (5) Package thermal impedance is calculated in accordance with JESD 51-7. RECOMMENDED OPERATING CONDITIONS MIN MAX UNIT VCC Supply voltage 2.7 12 V VICM Common-mode input voltage VCC– + 1.15 VCC+ – 1.15 V TA Operating free-air temperature –40 125 °C 2 Submit Documentation Feedback Copyright © 2009–2012, Texas Instruments Incorporated Product Folder Links: TL971-Q1 TL972-Q1 TL974-Q1 |
同様の部品番号 - TL972QPWRQ1 |
|
同様の説明 - TL972QPWRQ1 |