データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8591 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TDA8591
部品情報  4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8591 データシート(HTML) 11 Page - NXP Semiconductors

Back Button TDA8591 Datasheet HTML 7Page - NXP Semiconductors TDA8591 Datasheet HTML 8Page - NXP Semiconductors TDA8591 Datasheet HTML 9Page - NXP Semiconductors TDA8591 Datasheet HTML 10Page - NXP Semiconductors TDA8591 Datasheet HTML 11Page - NXP Semiconductors TDA8591 Datasheet HTML 12Page - NXP Semiconductors TDA8591 Datasheet HTML 13Page - NXP Semiconductors TDA8591 Datasheet HTML 14Page - NXP Semiconductors TDA8591 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
2002 Jan 14
11
Philips Semiconductors
Preliminary specification
4
× 44 W into 4 Ω or 4 × 75 W into 2 Ω
quad BTL car radio power amplifier
TDA8591J
7.3
Mute timer and single-pin mute control
The transition time from mute mode to operating mode can
be used to hide plops that occur during switching. This
transition time is determined by the value of the external
capacitor at the MUTE/ON input (see Fig.33). To
guarantee the mute suppression, the resistor value may
not be more than 15 k
Ω. The switching can be controlled
by a transistor switch with an open-drain output or a
voltage output with a minimum high level of 5.5 V.
When controlling with an open-drain output, the high
voltage level also must be at least 5.5 V and should not be
clamped on a lower value by the ESD diode of the
microcontroller. If the minimum high voltage cannot be
guaranteed, an external open-drain transistor or switch to
ground can be used. Charging of the external capacitor at
the MUTE/ON input is done by an internal current source.
If muting is performed by the microcontroller, the mute
connection to the microcontroller can be omitted. The
mute on and off transitions during start-up and switch-off
are controlled by an internal push-pull current source and
the external capacitor at pin 8 (MUTE/ON).
Fast mute can be achieved by quickly discharging the
mute capacitor by means of an open-drain transistor
without a series resistor.
7.4
Output power
EIAJ power is a power rating which indicates the maximum
possible output power of a specific application at a nominal
supply voltage. The power losses caused by PCB layout,
copper area, connector block, coil, loudspeaker wires, etc.
depend on the applications.
Therefore, the EIAJ power is defined and measured at the
pins of the IC using the following test conditions:
• The supply voltage is 14.4 V measured on the pins of
the TDA8591J
• All channels are loaded with 4 Ω and are driven
simultaneously
• The input signal is a continuous (no burst) square wave:
V = 1 V (RMS); f = 1 kHz
• RMS output power is measured immediately at the start
(cold heatsink) and after 1 minute of operation. The
mean value is the rated EIAJ power.
To have optimum output power performance, the external
heatsink should be chosen carefully. A small heatsink
causes a high junction temperature, resulting in an
increase of the drain-source on-state resistance (RDSon)of
the power amplifiers and a decrease of the maximum
output power.
The reason for using a square wave input signal for EIAJ
power measurement is illustrated in Fig.9.
Figure 9a shows a square wave signal with
Assuming this square wave is the output signal of an
amplifier, the EIAJ output power is given by
where:
RL = load resistor in Ω
Vtop = maximum voltage across the load in V
f = frequency of the square wave in Hz
tr = rise time of the slope in s.
A sine wave has a lower slew rate than a square wave as
shown in Fig.9b, therefore EIAJ power measurement with
a sine wave will give a lower power value. The maximum
slew rate of a sine wave output signal is given by
where:
A = amplitude of the output sinewave in V
f = frequency of the output sinewave in Hz.
For a non-clipping sinewave output with amplitude
A = 13 V and frequency f = 1 kHz, the slew rate is
A faster slew rate can be obtained by increasing the
amplitude: for an amplitude of 28 V, the slew rate will
increase to 1.85 V/s. A supply voltage of VP = 14.4 V will
result in a clipped output with a shape similar to a square
wave but with a slower slew rate.
Figure 9c shows the dependency of PEIAJ on slew rate.
Using a square wave input signal, the EIAJ output power
is determined by the drop voltage and bandwidth of the
output stage.
slew rate
V
top
t
r
----------
=
P
EIAJ
V
top
2
R
L
-------------
1
8
3
---

 V
top
×
f
×
slew rate
-------------------------------------------
×
=
δU
out
δt max
------------------
δ A sin
×
2
πft
×
()
()
δt max
------------------------------------------------
2
πfA
×
==
δU
out
δt max
------------------
82
3
V/s
=


同様の部品番号 - TDA8591

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594J NXP-TDA8594J Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594SD NXP-TDA8594SD Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results

同様の説明 - TDA8591

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
   4 x 45 W Quad bridge car radio amplifier
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
   4 x 41 W quad bridge car radio amplifier
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com