データシートサーチシステム |
|
TDA9181 データシート(PDF) 6 Page - NXP Semiconductors |
|
TDA9181 データシート(HTML) 6 Page - NXP Semiconductors |
6 / 32 page 2000 Nov 22 6 Philips Semiconductors Objective specification Integrated multistandard comb filter TDA9181 Mode definitions Table 1 General mode definitions; note 1 Note 1. If the OUTSEL pin is left open-circuit, the pin is pulled LOW by means of an internal pull-down resistor to analog ground (AGND). Thus the COMB mode can also be selected by not connecting the OUTSEL pin. Table 2 Y/CVBSOUT output signal definitions Table 3 COUT output signal definitions Table 4 Input switch mode definitions; note 1 Note 1. If the INPSEL pin is left open-circuit, the pin is pulled LOW by means of an internal pull-down resistor to analog ground (AGND). Thus the Y/CVBS1 input can also be selected by not connecting the INPSEL pin. Table 5 FSC mode definitions; note 1 Note 1. If the FSCSEL pin is left open-circuit, the pin is pulled LOW by means of an internal pull-down resistor to analog ground (AGND). Thus the fSC mode can also be selected by not connecting the FSCSEL pin. Table 6 Video standard mode definitions; note 1 Note 1. If the SYS1 and SYS2 pins are left open-circuit, the SYS1 pin is pulled HIGH by means of an internal pull-up resistor to analog supply (VCCA) and the SYS2 pin is pulled LOW by means of an internal pull-down resistor to analog ground (AGND). Thus the NTSC M video standard can also be selected by not connecting pins SYS1 and SYS2. PIN OUTSEL MODE LOW COMB HIGH YC MODE Y/CVBSOUT OUTPUT SIGNAL COMB comb filtered luminance signal YC Y/CVBS1 or Y/CVBS2 signal MODE COUT OUTPUT SIGNAL COMB comb filtered chrominance signal YC CIN signal PIN INPSEL INPUT SWITCH MODE LOW Y/CVBS1 input selected HIGH Y/CVBS2 input selected PIN FSCSEL FSC INPUT SIGNAL FREQUENCY LOW fSC HIGH 2 × fSC PIN SYS1 PIN SYS2 VIDEO STANDARD LOW LOW PAL M LOW HIGH PAL B, G, H, D or I HIGH LOW NTSC M HIGH HIGH PAL N |
同様の部品番号 - TDA9181 |
|
同様の説明 - TDA9181 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |