データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1963A-Q1 データシート(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL1963A-Q1
部品情報  1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL1963A-Q1 データシート(HTML) 20 Page - Texas Instruments

Back Button TL1963A-Q1 Datasheet HTML 16Page - Texas Instruments TL1963A-Q1 Datasheet HTML 17Page - Texas Instruments TL1963A-Q1 Datasheet HTML 18Page - Texas Instruments TL1963A-Q1 Datasheet HTML 19Page - Texas Instruments TL1963A-Q1 Datasheet HTML 20Page - Texas Instruments TL1963A-Q1 Datasheet HTML 21Page - Texas Instruments TL1963A-Q1 Datasheet HTML 22Page - Texas Instruments TL1963A-Q1 Datasheet HTML 23Page - Texas Instruments TL1963A-Q1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
3.3k
5.45k
6V
(2.7V)
< 1.21V
100k
3.3k
100k
5.45k
W
W
æ
ö
æ
ö
+
ç
÷
ç
÷
W +
W
W +
W
è
ø
è
ø
(
)
IN
IN
OUT
R7
R6
V
V
V
Vref
R5
R7
R5
R6
æ
ö
æ
ö
+
-
<
ç
÷
ç
÷
+
+
è
ø
è
ø
(
) (
)
3.3V
R6
3.19k
3.19k
1.22V
=
W -
W
OUT
V
R6
(R5 | |R7) (R5 || R7)
1.22V
=
-
R5 R7
(R5 | |R7)
3.19k
R5 R7
´
=
=
+
TL1963A, TL1963A-15, TL1963A-18, TL1963A-25, TL1963A-33
SLVS719G – JUNE 2008 – REVISED JANUARY 2015
www.ti.com
The TLV3691 rail-to-rail nanopower comparator output will alternate between VIN and GND depending on the
currents flowing into each of the two regulators. To design this control circuit, begin by looking at the case where
the two output currents are approximately equal and the comparator output is low. In this case, the output of the
TL1963A should be set the same as the fixed voltage regulator. The TL1963A-33 has a 3.3 V fixed output, so
this will be the set point for the adjustable regulator. Begin by selecting a R7 value less than 4.17 k
Ω. In this
example, 3.3 k
Ω will be used. R5 will need to have a high resistance to satisfy Equation 10, for this example 100
k
Ω was chosen. Then find the parallel resistance of R5 and R7 since they are both connected from the ADJ pin
to GND using Equation 6.
(6)
Once the R5 and R7 parallel resistance in calculated, the value for R6 can be found using Equation 7.
(7)
(8)
R6 = 5.45 k
Ω
(9)
In the case where the TL1963A-33 is sourcing more current than TL1963A, the comparator output will go high.
This will lower the voltage at the ADJ pin causing the TL1963A to try and raise the output voltage by sourcing
more current. The TL1963A-33 will then react by sourcing less current to try and keep the output from rising.
When the current through the TL1963A-33 becomes less than the TL1963A, the comparator output will return to
GND. In order for this to happen, Equation 10 must be satisfied:
(10)
(11)
0.19 V + 0.14 V < 1.21 V
(12)
0.33 V < 1.21 V
(13)
10.2.2.3 Application Curve
Figure 35. Parallel Regulators Sharing Load Current
20
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TL1963A TL1963A-15 TL1963A-18 TL1963A-25 TL1963A-33


同様の部品番号 - TL1963A-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
More results

同様の説明 - TL1963A-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com