データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL5001IDR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL5001IDR
部品情報  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL5001IDR データシート(HTML) 4 Page - Texas Instruments

  TL5001IDR Datasheet HTML 1Page - Texas Instruments TL5001IDR Datasheet HTML 2Page - Texas Instruments TL5001IDR Datasheet HTML 3Page - Texas Instruments TL5001IDR Datasheet HTML 4Page - Texas Instruments TL5001IDR Datasheet HTML 5Page - Texas Instruments TL5001IDR Datasheet HTML 6Page - Texas Instruments TL5001IDR Datasheet HTML 7Page - Texas Instruments TL5001IDR Datasheet HTML 8Page - Texas Instruments TL5001IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TL5001, TL5001A
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS084F – APRIL 1994 – REVISED JANUARY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
dead-time control (DTC) (continued)
R
DT +
Rt ) 1250 D Voscmax – Voscmin ) Voscmin
Where
RDT and Rt are in ohms, D in decimal
Soft start can be implemented by paralleling the DTC resistor with a capacitor (CDT) as shown in Figure 2. During
soft start, the voltage at DTC is derived by the following equation:
V
DT [
I
DT
R
DT
1– e
– t R
DT
C
DT
TL5001/A
DTC
CDT
RDT
6
Figure 2. Soft-Start Circuit
If the dc-to-dc converter must be in regulation within a specified period of time, the time constant, RDTCDT, should
be t0/3 to t0/5. The TL5001/A remains off until VDT ≈ 0.7 V, the minimum ramp value. CDT is discharged every time
UVLO or SCP becomes active.
undervoltage-lockout (UVLO) protection
The undervoltage-lockout circuit turns the output transistor off and resets the SCP latch whenever the supply voltage
drops too low (approximately 3 V at 25
°C) for proper operation. A hysteresis voltage of 200 mV eliminates false
triggering on noise and chattering.
short-circuit protection (SCP)
The TL5001/A includes short-circuit protection (see Figure 3), which turns the power switch off to prevent damage
when the converter output is shorted. When activated, the SCP prevents the switch from being turned on until the
internal latching circuit is reset. The circuit is reset by reducing the input voltage until UVLO becomes active or until
the SCP terminal is pulled to ground externally.
When a short circuit occurs, the error-amplifier output at COMP rises to increase the power-switch duty cycle in an
attempt to maintain the output voltage. SCP comparator 1 starts an RC timing circuit when COMP exceeds 1.5 V.
If the short is removed and the error-amplifier output drops below 1.5 V before time out, normal converter operation
continues. If the fault is still present at the end of the time-out period, the timer sets the latching circuit and turns
off the TL5001/A output transistor.


同様の部品番号 - TL5001IDR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL5001IDR TI-TL5001IDR Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001IDRG4 TI-TL5001IDRG4 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

同様の説明 - TL5001IDR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com