データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL074CDE4 データシート(PDF) 1 Page - Texas Instruments

部品番号 TL074CDE4
部品情報  Low-Noise JFET-Input Operational Amplifiers
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL074CDE4 データシート(HTML) 1 Page - Texas Instruments

  TL074CDE4 Datasheet HTML 1Page - Texas Instruments TL074CDE4 Datasheet HTML 2Page - Texas Instruments TL074CDE4 Datasheet HTML 3Page - Texas Instruments TL074CDE4 Datasheet HTML 4Page - Texas Instruments TL074CDE4 Datasheet HTML 5Page - Texas Instruments TL074CDE4 Datasheet HTML 6Page - Texas Instruments TL074CDE4 Datasheet HTML 7Page - Texas Instruments TL074CDE4 Datasheet HTML 8Page - Texas Instruments TL074CDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
+
+
IN+
IN−
OUT
IN+
IN−
OUT
TL072 (each amplifier)
TL074 (each amplifier)
TL071
OFFSET N1
OFFSET N2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TL071, TL071A, TL071B
TL072, TL072A, TL072B, TL074, TL074A, TL074B
SLOS080M – SEPTEMBER 1978 – REVISED JUNE 2015
TL07xx Low-Noise JFET-Input Operational Amplifiers
1 Features
3 Description
The TL07xx JFET-input operational amplifier family is
1
Low Power Consumption
designed
to
offer
a
wider
selection
than
any
Wide Common-Mode and Differential Voltage
previously developed operational amplifier family.
Ranges
Each of these JFET-input operational amplifiers
Low Input Bias and Offset Currents
incorporates well-matched, high-voltage JFET and
bipolar transistors in a monolithic integrated circuit.
Output Short-Circuit Protection
Low Total Harmonic Distortion: 0.003% Typical
The devices feature high slew rates, low-input bias
and
offset
currents,
and
low
offset-voltage
Low Noise
temperature coefficient. The low harmonic distortion
Vn = 18 nV/√Hz Typ at f = 1 kHz
and low noise make the TL07xseries ideally suited for
High-Input Impedance: JFET Input Stage
high-fidelity and audio pre-amplifier applications.
Internal Frequency Compensation
Offset adjustment and external compensation options
are available within the TL07x family.
Latch-Up-Free Operation
High Slew Rate: 13 V/
μs Typical
Device Information(1)
Common-Mode Input Voltage Range
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Includes VCC+
SOIC (14)
8.65 mm × 3.91 mm
TL07xxD
SOIC (8)
4.90 mm x 3.90 mm
2 Applications
TL07xxFK
LCCC (20)
8.89 mm × 8.89 mm
Motor Integrated Systems: UPS
TL07xxJG
PDIP (8)
9.59 mm x 6.67 mm
Drives and Control Solutions: AC Inverter and VF
TL074xJ
CDIP (14)
19.56 mm × 6.92 mm
Drives
TL07xxP
PDIP (8)
9.59 mm x 6.35 mm
Renewables: Solar Inverters
TL07xxPS
SO (8)
6.20 mm x 5.30 mm
Pro Audio Mixers
TL074xN
PDIP (14)
19.3 mm × 6.35 mm
DLP Front Projection System
TL074xNS
SO (14)
10.30 mm × 5.30 mm
Oscilloscopes
TL07xxPW
TSSOP (8)
4.40 mm x 3.00 mm
TL074xPW
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Symbols
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - TL074CDE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL074CDE4 TI-TL074CDE4 Datasheet
903Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CDE4 TI-TL074CDE4 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CDE4 TI-TL074CDE4 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CDE4 TI-TL074CDE4 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CDE4 TI-TL074CDE4 Datasheet
1Mb / 49P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results

同様の説明 - TL074CDE4

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI1-TL071_18 Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI-TL071_96 Datasheet
220Kb / 14P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_07 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071CPSE4 TI-TL071CPSE4 Datasheet
1Mb / 49P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074ING4 TI-TL074ING4 Datasheet
908Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com