データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV881 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMV881
部品情報  LMV881 23 MHz Low Power CMOS EMI Hardened Operational Amplifier with 1.8V Logic Shutdown
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV881 データシート(HTML) 5 Page - Texas Instruments

  LMV881 Datasheet HTML 1Page - Texas Instruments LMV881 Datasheet HTML 2Page - Texas Instruments LMV881 Datasheet HTML 3Page - Texas Instruments LMV881 Datasheet HTML 4Page - Texas Instruments LMV881 Datasheet HTML 5Page - Texas Instruments LMV881 Datasheet HTML 6Page - Texas Instruments LMV881 Datasheet HTML 7Page - Texas Instruments LMV881 Datasheet HTML 8Page - Texas Instruments LMV881 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LMV881
www.ti.com
SNOSC62B – JANUARY 2012 – REVISED MAY 2013
3.3V Electrical Characteristics
(1)
(continued)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 3.3V, V= 0V, V
CM = V
+/2, and R
L =10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min(2)
Typ(3)
Max(2)
Units
VEN
Turn-on Voltage(8)
≥ 1
1.5
V
Turn-off Voltage(8)
0.3
≤ 0.7
IS
Supply Current
Active,
1.65
2.17
mA
VSD > 0.972 V
2.75
In Shutdown,
200
pA
VSD < 0.676 V
SR
Slew Rate(9)
AV = +1, VOUT = 1 VPP,
12
V/
μs
10% to 90%
GBW
Gain Bandwidth Product
23
MHz
Φm
Phase Margin
60
deg
en
Input Referred Voltage Noise Density
f = 1 kHz
9
nV/
√Hz
f = 100 kHz
5.3
in
Input Referred Current Noise Density
f = 1 kHz
0.015
pA/
√Hz
CIN
Common-Mode Input Capacitance
5
pF
Differential-Mode Input Capacitance
15
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, AV = 1, BW ≥ 500 kHz
0.02
%
(8)
The shutdown logic levels are fixed to match 1.8V logic levels (referenced to V-), and do not change with the total power supply voltage.
(9)
Number specified is the slower of positive and negative slew rates.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV881


同様の部品番号 - LMV881

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV881 TI1-LMV881 Datasheet
377Kb / 19P
[Old version datasheet]   23 MHz Low Power CMOS EMI Hardened Operational Amplifier with 1.8V Logic Shutdown
LMV881LE TI1-LMV881LE Datasheet
377Kb / 19P
[Old version datasheet]   23 MHz Low Power CMOS EMI Hardened Operational Amplifier with 1.8V Logic Shutdown
LMV881LEE TI1-LMV881LEE Datasheet
377Kb / 19P
[Old version datasheet]   23 MHz Low Power CMOS EMI Hardened Operational Amplifier with 1.8V Logic Shutdown
LMV881LEX TI1-LMV881LEX Datasheet
377Kb / 19P
[Old version datasheet]   23 MHz Low Power CMOS EMI Hardened Operational Amplifier with 1.8V Logic Shutdown
LMV881 TI-LMV881_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV881 23 MHz Low Power CMOS EMI Hardened Operational Amplifier with 1.8V Logic Shutdown
More results

同様の説明 - LMV881

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV881 TI-LMV881_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV881 23 MHz Low Power CMOS EMI Hardened Operational Amplifier with 1.8V Logic Shutdown
LMV881 TI1-LMV881 Datasheet
377Kb / 19P
[Old version datasheet]   23 MHz Low Power CMOS EMI Hardened Operational Amplifier with 1.8V Logic Shutdown
logo
National Semiconductor ...
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
LMH6601-Q1 TI1-LMH6601-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com