データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV981IDCKR データシート(PDF) 8 Page - Texas Instruments

部品番号 LMV981IDCKR
部品情報  LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV981IDCKR データシート(HTML) 8 Page - Texas Instruments

Back Button LMV981IDCKR Datasheet HTML 4Page - Texas Instruments LMV981IDCKR Datasheet HTML 5Page - Texas Instruments LMV981IDCKR Datasheet HTML 6Page - Texas Instruments LMV981IDCKR Datasheet HTML 7Page - Texas Instruments LMV981IDCKR Datasheet HTML 8Page - Texas Instruments LMV981IDCKR Datasheet HTML 9Page - Texas Instruments LMV981IDCKR Datasheet HTML 10Page - Texas Instruments LMV981IDCKR Datasheet HTML 11Page - Texas Instruments LMV981IDCKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LMV981 SINGLE, LMV982 DUAL
1.8-V OPERATIONAL AMPLIFIERS
WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
SLOS440H − AUGUST 2004 − REVISED JULY 2007
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC+ = 5 V, VCC− = 0 V, VIC = VCC+/2, VO = VCC+/2, RL > 1 MΩ,
and SHDN tied to VCC+ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
LMV981 (single)
25
°C
1
4
V
Input offset voltage
LMV981 (single)
Full range
6
mV
VIO
Input offset voltage
LMV982 (dual)
25
°C
1
5.5
mV
LMV982 (dual)
Full range
7.5
a
V
IO
Average temperature
coefficient of input offset
voltage
25
°C
5.5
mV/°C
VIC = VCC+ − 0.8 V
25
°C
15
35
IIB
Input bias current
25
°C
65
nA
IIB
Input bias current
Full range
75
nA
I
Input offset current
25
°C
9
25
nA
IIO
Input offset current
Full range
40
nA
25
°C
116
210
Full range
230
I
Supply current (per channel)
LMV981
25
°C
0.201
1
A
ICC
Supply current (per channel)
In shutdown
LMV981
Full range
2
mA
In shutdown
LM982
25
°C
0.302
3.5
LM982
Full range
5
0
≤ VIC ≤ 3.8 V,
25
°C
60
86
0
≤ VIC ≤ 3.8 V,
4.6 V
≤ VIC ≤ 5 V
−40
°C to 85°C
55
CMRR
Common-mode rejection
ratio
0.3
≤ VIC ≤ 3.8 V,
4.6 V
≤ VIC ≤ 4.7 V
−40
°C to 125°C
55
dB
−0.2 V
≤ VIC ≤ 0 V,
5 V
≤ VIC ≤ 5.2 V
25
°C
50
78
k
Supply-voltage rejection
1.8 V
≤ VCC+ ≤ 5 V,
25
°C
75
100
dB
kSVR
Supply voltage rejection
ratio
1.8 V
≤ VCC+ ≤ 5 V,
VIC = 0.5 V
Full range
70
dB
Cd i
t
lt
25
°C
VCC− − 0.2
−0.2 to 5.3
VCC+ + 0.2
VICR
Common-mode input voltage
range
CMRR
≥ 50 dB
−40
°C to 85°C
VCC−
VCC+
V
VICR
range
CMRR
≥ 50 dB
−40
°C to 125°C
VCC− + 0.3
VCC+ − 0.3
V
RL = 600 Ω to 2.5 V,
25
°C
88
102
LMV981
RL = 600 Ω to 2.5 V,
VO = 0.2 V to 4.8 V
Full range
87
LMV981
RL = 2 kΩ to 2.5 V,
25
°C
94
113
A
Large-signal
RL = 2 kΩ to 2.5 V,
VO = 0.2 V to 4.8 V
Full range
93
dB
AV
Large signal
voltage gain
RL = 600 Ω to 2.5 V,
25
°C
81
90
dB
LMV982
RL = 600 Ω to 2.5 V,
VO = 0.2 V to 4.8 V
Full range
78
LMV982
RL = 2 kΩ to 2.5 V,
25
°C
85
100
RL = 2 kΩ to 2.5 V,
VO = 0.2 V to 4.8 V
Full range
82
Not Recommended for New Designs


同様の部品番号 - LMV981IDCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV981IDCKR TI-LMV981IDCKR Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
LMV981IDCKRE4 TI-LMV981IDCKRE4 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
More results

同様の説明 - LMV981IDCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
ON Semiconductor
LMV981 ONSEMI-LMV981 Datasheet
445Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
   Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
logo
Texas Instruments
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
ON Semiconductor
LMV931 ONSEMI-LMV931 Datasheet
432Kb / 20P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com