データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC2201CDRG4 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLC2201CDRG4
部品情報  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2201CDRG4 データシート(HTML) 2 Page - Texas Instruments

  TLC2201CDRG4 Datasheet HTML 1Page - Texas Instruments TLC2201CDRG4 Datasheet HTML 2Page - Texas Instruments TLC2201CDRG4 Datasheet HTML 3Page - Texas Instruments TLC2201CDRG4 Datasheet HTML 4Page - Texas Instruments TLC2201CDRG4 Datasheet HTML 5Page - Texas Instruments TLC2201CDRG4 Datasheet HTML 6Page - Texas Instruments TLC2201CDRG4 Datasheet HTML 7Page - Texas Instruments TLC2201CDRG4 Datasheet HTML 8Page - Texas Instruments TLC2201CDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS LOW NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175B − FEBRUARY 1997 − REVISED JANUARY 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLC2201 AVAILABLE OPTIONS
Vnmax
Vnmax
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
Vnmax
f = 10 Hz
AT 25
°C
Vnmax
f = 1 kHz
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
CHIP
FORM‡
(Y)
200
µV
35 nV/
√Hz
15 nV/
√Hz
TLC2201ACD
TLC2201ACP
0
°C to 70°C
200
µV
30 nV/
√Hz
12 nV/
√Hz
TLC2201BCD
TLC2201BCP
TLC2201Y
0 C to 70 C
500
µV
TLC2201CD
TLC2201CP
TLC2201Y
200
µV
35 nV/
√Hz
15 nV/
√Hz
TLC2201AID
TLC2201AIP
−40
°C to 85°C
200
µV
30 nV/
√Hz
12 nV/
√Hz
TLC2201BID
TLC2201BIP
−40 C to 85 C
500
µV
TLC2201ID
TLC2201IP
200
µV
35 nV/
√Hz
15 nV/
√Hz TLC2201AMD TLC2201AMFK TLC2201AMJG TLC2201AMP
−55
°C to 125°C
200
µV
30 nV/
√Hz
12 nV/
√Hz TLC2201BMD TLC2201BMFK TLC2201BMJG TLC2201BMP
−55 C to 125 C
500
µV
TLC2201MD
TLC2201MFK
TLC2201MJG
TLC2201MP
† The D packages are available taped and reeled. Add R suffix to device type (e.g. TLC220xBCDR).
‡ Chip forms are tested at 25°C only.
TLC2202 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
Vnmax
f = 10 Hz
AT 25
°C
Vnmax
f = 1 kHz
AT 25
°C
SMALL
OUTLINE†
(D)
PLASTIC
SMALL
OUTLINE
(PS)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
CHIP
FORM‡
(Y)
500
µV
30 nV/
√Hz
12 nV/
√Hz
TLC2202BCD
TLC2202BCP
0
°C to 70°C
500
µV
35 nV/
√Hz
15 nV/
√Hz
TLC2202ACD
TLC2202ACP
TLC2202Y
0 C to 70 C
1 mV
TLC2202CD
TLC2202CPSR
TLC2202CP
TLC2202Y
500
µV
30 nV/
√Hz
12 nV/
√Hz
TLC2202BID
TLC2202BIP
−40
°C to 85°C
500
µV
35 nV/
√Hz
15 nV/
√Hz
TLC2202AID
TLC2202AIP
−40 C to 85 C
1 mV
TLC2202ID
TLC2202IP
500
µV
30 nV/
√Hz
12 nV/
√Hz
TLC2202BMD
TLC2202BMFK
TLC2202BMJG
TLC2202BMP
−55
°C to 125°C
500
µV
35 nV/
√Hz
15 nV/
√Hz
TLC2202AMD
TLC2202AMFK
TLC2202AMJG
TLC2202AMP
−55 C to 125 C
1 mV
TLC2202MD
TLC2202MFK
TLC2202MJG
TLC2202MP
† The D packages are available taped and reeled. Add R suffix to device type (e.g. TLC220xBCDR).
‡ Chip forms are tested at 25°C only.


同様の部品番号 - TLC2201CDRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC2201CDRG4 TI-TLC2201CDRG4 Datasheet
1,017Kb / 66P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2201CDRG4 TI-TLC2201CDRG4 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2201CDRG4 TI1-TLC2201CDRG4 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2201CDRG4 TI-TLC2201CDRG4 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results

同様の説明 - TLC2201CDRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC220X TI1-TLC220X_17 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801Z TI-TLC2801Z Datasheet
198Kb / 13P
[Old version datasheet]   Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_08 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801 TI1-TLC2801 Datasheet
199Kb / 13P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X Datasheet
944Kb / 62P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_07 Datasheet
1,017Kb / 66P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_17 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI-TLC2652 Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_15 Datasheet
957Kb / 39P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com