データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC25L4 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLC25L4
部品情報  LinCMOS QUAD OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC25L4 データシート(HTML) 11 Page - Texas Instruments

Back Button TLC25L4 Datasheet HTML 7Page - Texas Instruments TLC25L4 Datasheet HTML 8Page - Texas Instruments TLC25L4 Datasheet HTML 9Page - Texas Instruments TLC25L4 Datasheet HTML 10Page - Texas Instruments TLC25L4 Datasheet HTML 11Page - Texas Instruments TLC25L4 Datasheet HTML 12Page - Texas Instruments TLC25L4 Datasheet HTML 13Page - Texas Instruments TLC25L4 Datasheet HTML 14Page - Texas Instruments TLC25L4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TLC254, TLC254A, TLC254B, TLC254Y, TLC25L4, TLC25L4A, TLC25L4B
TLC25L4Y, TLC25M4, TLC25M4A, TLC25M4B, TLC25M4Y
LinCMOS
 QUAD OPERATIONAL AMPLIFIERS
SLOS003G – JUNE 1983 – REVISED MARCH 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC25L4C
TLC25L4AC
TLC25L4BC
UNIT
MIN
TYP
MAX
0
°C
0.04
VI(PP) = 1 V
25
°C
0.03
SR
Slew rate at unity gain
RL = 1 MΩ,
CL = 20 pF,
()
70
°C
0.03
V/
µs
SR
Slew rate at unity gain
L
,
See Figure 1
L
,
0
°C
0.03
V/
µs
VI(PP) = 2.5 V
25
°C
0.03
()
70
°C
0.02
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
°C
70
nV/
√Hz
VV
C20 F
R1 M
0
°C
6
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure 1
CL = 20 pF,
RL = 1 MΩ,
25
°C
5
kHz
See Figure 1
70
°C
4.5
0
°C
100
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF,
See Figure 1
25
°C
85
kHz
70
°C
65
V10 mV
fB
C20 pF
0
°C
36
°
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 pF,
25
°C
34
°
See Figure 3
70
°C
30
°
operating characteristics, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC25L4C
TLC25L4AC
TLC25L4BC
UNIT
MIN
TYP
MAX
0
°C
0.05
VI(PP) = 1 V
25
°C
0.05
SR
Slew rate at unity gain
RL = 1 MΩ,
CL = 20 pF,
()
70
°C
0.04
V/
µs
SR
Slew rate at unity gain
L
,
See Figure 1
L
,
0
°C
0.05
V/
µs
VI(PP) = 5.5 V
25
°C
0.04
()
70
°C
0.04
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
°C
70
nV/
√Hz
VV
C20 F
R1 M
0
°C
1.3
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure 1
CL = 20 pF,
RL = 1 MΩ,
25
°C
1
kHz
See Figure 1
70
°C
0.9
0
°C
125
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF,
See Figure 1
25
°C
110
kHz
70
°C
90
V10 mV
fB
C20 pF
0
°C
40
°
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 pF,
25
°C
38
°
See Figure 3
70
°C
34
°


同様の部品番号 - TLC25L4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC25L4 TI-TLC25L4 Datasheet
315Kb / 21P
[Old version datasheet]   LinCMOSE QUAD OPERATIONAL AMPLIFIERS
TLC25L4A TI-TLC25L4A Datasheet
315Kb / 21P
[Old version datasheet]   LinCMOSE QUAD OPERATIONAL AMPLIFIERS
TLC25L4ACD TI-TLC25L4ACD Datasheet
315Kb / 21P
[Old version datasheet]   LinCMOSE QUAD OPERATIONAL AMPLIFIERS
TLC25L4ACN TI-TLC25L4ACN Datasheet
315Kb / 21P
[Old version datasheet]   LinCMOSE QUAD OPERATIONAL AMPLIFIERS
TLC25L4B TI-TLC25L4B Datasheet
315Kb / 21P
[Old version datasheet]   LinCMOSE QUAD OPERATIONAL AMPLIFIERS
More results

同様の説明 - TLC25L4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4ACDR TI1-TLC27M4ACDR Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272 Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com