データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC25M2A データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLC25M2A
部品情報  LinCMOS田?DUAL OPERATIONAL AMPLIFIERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC25M2A データシート(HTML) 1 Page - Texas Instruments

  TLC25M2A Datasheet HTML 1Page - Texas Instruments TLC25M2A Datasheet HTML 2Page - Texas Instruments TLC25M2A Datasheet HTML 3Page - Texas Instruments TLC25M2A Datasheet HTML 4Page - Texas Instruments TLC25M2A Datasheet HTML 5Page - Texas Instruments TLC25M2A Datasheet HTML 6Page - Texas Instruments TLC25M2A Datasheet HTML 7Page - Texas Instruments TLC25M2A Datasheet HTML 8Page - Texas Instruments TLC25M2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TLC252, TLC252A, TLC252B, TLC252Y, TLC25L2, TLC25L2A, TLC25L2B
TLC25L2Y, TLC25M2, TLC25M2A, TLC25M2B, TLC25M2Y
LinCMOS
 DUAL OPERATIONAL AMPLIFIERS
SLOS002I – JUNE 1983 – REVISED MARCH 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D A-Suffix Versions Offer 5-mV VIO
D B-Suffix Versions Offer 2-mV VIO
D Wide Range of Supply Voltages
1.4 V to 16 V
D True Single-Supply Operation
D Common-Mode Input Voltage Includes the
Negative Rail
D Low Noise . . . 30 nV/√Hz Typ at f = 1 kHz
(High-Bias Versions)
description
The TLC252, TLC25L2, and TLC25M2 are
low-cost, low-power dual operational amplifiers
designed to operate with single or dual supplies.
These devices utilize the Texas Instruments
silicon gate LinCMOS
 process, giving them stable input offset voltages that are available in selected grades
of 2, 5, or 10 mV maximum, very high input impedances, and extremely low input offset and bias currents.
Because the input common-mode range extends to the negative rail and the power consumption is extremely
low, this series is ideally suited for battery-powered or energy-conserving applications. The series offers
operation down to a 1.4-V supply, is stable at unity gain, and has excellent noise characteristics.
These devices have internal electrostatic-discharge (ESD) protection circuits that prevent catastrophic failures
at voltages up to 2000 V as tested under MIL-STD-883C, Method 3015.1. However, care should be exercised
in handling these devices as exposure to ESD may result in a degradation of the device parametric
performance.
AVAILABLE OPTIONS
VIOmax
PACKAGED DEVICES
CHIP FORM
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
TSSOP
(PW)
CHIP FORM
(Y)
10 mV
TLC252CD
TLC252CP
TLC252CPW
TLC252Y
10 mV
5 mV
TLC252CD
TLC252ACD
TLC252CP
TLC252ACP
TLC252CPW
TLC252ACPW
2 mV
TLC252BCD
TLC252BCP
TLC252BCPW
10 mV
TLC25L2CD
TLC25L2CP
TLC25L2CPW
TLC25L2Y
0
°C to 70°C
10 mV
5 mV
TLC25L2CD
TLC25L2ACD
TLC25L2CP
TLC25L2ACP
TLC25L2CPW
TLC25L2ACPW
2 mV
TLC25L2BCD
TLC25L2BCP
TLC25L2BCPW
10 mV
TLC25M2CD
TLC25M2CP
TLC25M2Y
5 mV
TLC25M2ACD
TLC25M2ACP
2 mV
TLC25M2BCD
TLC25M2BCP
The D package is available taped and reeled. Add the suffix R to the device type (e.g., TLC252CDR). Chips are tested at 25
°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VDD–/GND
VDD
2OUT
2IN –
2IN +
D, P, OR PW PACKAGE
(TOP VIEW)
symbol (each amplifier)
+
OUT
IN +
IN –
LinCMOS is a trademark of Texas Instruments.


同様の部品番号 - TLC25M2A

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC25M2A TI-TLC25M2A Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
TLC25M2ACD TI-TLC25M2ACD Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
TLC25M2ACP TI-TLC25M2ACP Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
More results

同様の説明 - TLC25M2A

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC272CPWR TI-TLC272CPWR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BCDR TI-TLC272BCDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC226X TI1-TLC226X_16 Datasheet
2Mb / 73P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272 Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_02 Datasheet
575Kb / 36P
[Old version datasheet]   LinCMOS??PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com