データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC25M4B データシート(PDF) 1 Page - Texas Instruments

部品番号 TLC25M4B
部品情報  LinCMOS QUAD OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC25M4B データシート(HTML) 1 Page - Texas Instruments

  TLC25M4B Datasheet HTML 1Page - Texas Instruments TLC25M4B Datasheet HTML 2Page - Texas Instruments TLC25M4B Datasheet HTML 3Page - Texas Instruments TLC25M4B Datasheet HTML 4Page - Texas Instruments TLC25M4B Datasheet HTML 5Page - Texas Instruments TLC25M4B Datasheet HTML 6Page - Texas Instruments TLC25M4B Datasheet HTML 7Page - Texas Instruments TLC25M4B Datasheet HTML 8Page - Texas Instruments TLC25M4B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TLC254, TLC254A, TLC254B, TLC254Y, TLC25L4, TLC25L4A, TLC25L4B
TLC25L4Y, TLC25M4, TLC25M4A, TLC25M4B, TLC25M4Y
LinCMOS
 QUAD OPERATIONAL AMPLIFIERS
SLOS003G – JUNE 1983 – REVISED MARCH 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D A-Suffix Versions Offer 5-mV VIO
D B-Suffix Versions Offer 2-mV VIO
D Wide Range of Supply Voltages
1.4 V to 16 V
D True Single-Supply Operation
D Common-Mode Input Voltage Includes the
Negative Rail
D Low Noise . . . 25 nV/√Hz Typ at f = 1 kHz
(High-Bias Version)
description
The TLC254, TLC254A, TLC254B, TLC25L4,
TLC254L4A, TLC254L4B, TLC25M4, TLC25M4A
and TL25M4B are low-cost, low-power quad
operational amplifiers designed to operate with
single or dual supplies. These devices utilize the
Texas
Instruments
silicon
gate
LinCMOS
process, giving them stable input-offset voltages that are available in selected grades of 2, 5, or 10 mV
maximum, very high input impedances, and extremely low input offset and bias currents. Because the input
common-mode range extends to the negative rail and the power consumption is extremely low, this series is
ideally suited for battery-powered or energy-conserving applications. The series offers operation down to a
1.4-V supply, is stable at unity gain, and has excellent noise characteristics.
These devices have internal electrostatic-discharge (ESD) protection circuits that prevent catastrophic failures
at voltages up to 2000 V as tested under MIL-STD-883C, Method 3015.1. However, care should be exercised
in handling these devices as exposure to ESD may result in degradation of the device parametric performance.
Because of the extremely high input impedance and low input bias and offset currents, applications for these
devices include many areas that have previously been limited to BIFET and NFET product types. Any circuit
using high-impedance elements and requiring small offset errors is a good candidate for cost-effective use of
these devices. Many features associated with bipolar technology are available with LinCMOS operational
amplifiers without the power penalties of traditional bipolar devices.
Available options
VIOmax
PACKAGED DEVICES
CHIP FORM
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
PLASTIC DIP
(N)
TSSOP
(PW)
CHIP FORM
(Y)
10 mV
TLC254CD
TLC254CN
TLC254CPW
TLC254Y
5 mV
TLC254ACD
TLC254ACN
2 mV
TLC254BCD
TLC254BCN
10 mV
TLC25L4CD
TLC25L4CN
TLC25L4CPW
TLC25L4Y
0
°C to 70°C
5 mV
TLC25L4ACD
TLC25L4ACN
2 mV
TLC25L2BCD
TLC25L4BCN
10 mV
TLC25M4CD
TLC25M4CN
TLC25M4CPW
TLC25M4Y
5 mV
TLC25M4ACD
TLC25M4ACN
2 mV
TLC25M4BCD
TLC25M4BCN
The D package is available taped and reeled. Add the suffix R to the device type (e.g., TLC254CDR). Chips
are tested at 25
°C.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinCMOS is a trademark of Texas Instruments.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN +
VDD
2IN +
2IN –
2OUT
4OUT
4IN –
4IN +
VDD–/GND
3IN +
2IN –
3OUT
D, N, OR PW PACKAGE
(TOP VIEW)
symbol (each amplifier)
+
OUT
IN +
IN –


同様の部品番号 - TLC25M4B

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC25M4B TI-TLC25M4B Datasheet
315Kb / 21P
[Old version datasheet]   LinCMOSE QUAD OPERATIONAL AMPLIFIERS
TLC25M4BCD TI-TLC25M4BCD Datasheet
315Kb / 21P
[Old version datasheet]   LinCMOSE QUAD OPERATIONAL AMPLIFIERS
TLC25M4BCN TI-TLC25M4BCN Datasheet
315Kb / 21P
[Old version datasheet]   LinCMOSE QUAD OPERATIONAL AMPLIFIERS
More results

同様の説明 - TLC25M4B

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4ACDR TI1-TLC27M4ACDR Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272 Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com