データシートサーチシステム |
|
TLC2272QPWRG4 データシート(PDF) 10 Page - Texas Instruments |
|
|
TLC2272QPWRG4 データシート(HTML) 10 Page - Texas Instruments |
10 / 63 page 10 TLC2272, TLC2272A, TLC2272M, TLC2272AM TLC2274, TLC2274A, TLC2274M, TLC2274AM SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016 www.ti.com Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM Submit Documentation Feedback Copyright © 1997–2016, Texas Instruments Incorporated TLC2274 and TLC2274A Electrical Characteristics VDD = 5 V (continued) at specified free-air temperature, VDD = 5 V; TA = 25°C, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT (3) Referenced to 0 V. VOL Low-level output voltage VIC = 2.5 V IOL = 50 μA 0.01 V IOL = 500 μA TA = 25°C 0.09 0.15 Full Range(1) 0.15 IOL = 5 mA TA = 25°C 0.9 1.5 Full Range(1) 1.5 AVD Large-signal differential voltage amplification VIC = 2.5 V, VO = 1 V to 4 V; RL = 10 kΩ (3) C level part TA = 25°C 15 35 V/mV TA = 0°C to 80°C 15 I level part TA = 25°C 15 35 TA = –40°C to 85°C 15 Q level part TA = 25°C 10 35 TA = –40°C to 125°C 10 M level part TA = 25°C 10 35 TA = –55°C to 125°C 10 VIC = 2.5 V, VO = 1 V to 4 V; RL = 1 MΩ (3) 175 rid Differential input resistance 1012 Ω ri Common-mode input resistance 1012 Ω ci Common-mode input capacitance f = 10 kHz, P package 8 pF zo Closed-loop output impedance f = 1 MHz, AV = 10 140 Ω CMRR Common-mode rejection ratio VIC = 0 V to 2.7 V, VO = 2.5 V, RS = 50 Ω TA = 25°C 70 75 dB Full Range(1) 70 kSVR Supply-voltage rejection ratio ( ΔVDD / ΔVIO) VDD = 4.4 V to 16 V, VIC = VDD / 2, no load TA = 25°C 80 95 dB Full Range(1) 80 IDD Supply currrent VO = 2.5 V, no load TA = 25°C 4.4 6 mA Full Range(1) 6 SR Slew rate at unity gain VO = 0.5 V to 2.5 V, RL = 10 kΩ (3), C L = 100 pF (3) TA = 25°C 2.3 3.6 V/µs Full Range(1) 1.7 Vn Equivalent input noise voltage f = 10 Hz 50 nV/ √Hz f = 1 kHz 9 VNPP Peak-to-peak equivalent input noise voltage f = 0.1 Hz to 1 Hz 1 µV f = 0.1 Hz to 10 Hz 1.4 In Equivalent input noise current 0.6 fA/ √Hz THD+N Total harmonic distortion + noise VO = 0.5 V to 2.5 V, f = 20 kHz, RL = 10 kΩ (3) AV = 1 0.0013% AV = 10 0.004% AV = 100 0.03% Gain-bandwidth product f = 10 kHz, RL = 10 kΩ (3), C L = 100 pF (3) 2.18 MHz BOM Maximum output-swing bandwidth VO(PP) = 2 V, AV = 1, RL = 10 kΩ (3), C L = 100 pF (3) 1 MHz ts Settling time AV = –1, RL = 10 kΩ (3), Step = 0.5 V to 2.5 V, CL = 100 pF (3) To 0.1% 1.5 µs To 0.01% 2.6 φm Phase margin at unity gain RL = 10 kΩ (3), C L = 100 pF (3) 50° Gain margin RL = 10 kΩ (3), C L = 100 pF (3) 10 dB |
同様の部品番号 - TLC2272QPWRG4 |
|
同様の説明 - TLC2272QPWRG4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |