データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1842A-SP データシート(PDF) 8 Page - Texas Instruments

部品番号 UC1842A-SP
部品情報  QML Class V, Current-Mode PWM Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1842A-SP データシート(HTML) 8 Page - Texas Instruments

Back Button UC1842A-SP_15 Datasheet HTML 4Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 5Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 6Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 7Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 8Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 9Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 10Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 11Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Output Current, Source or Sink (A)
.01
.02 .03 .04 .05 .07 .1
.2
.3 .4 .5
.7 1.0
I
UC1842A-SP, UC1843A-SP, UC1844A-SP
SLUS872D – JANUARY 2009 – REVISED MAY 2015
www.ti.com
Electrical Characteristics (Radiation-Improved Devices) (continued)
VCC = 15 V, RT = 10 kΩ, CT = 3.3 nF, TA = TJ = –55°C to 125°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM
Maximum duty cycle
94%
96%
100%
Minimum duty cycle
0%
TOTAL STANDBY CURRENT
Start-up current
0.3
0.5
mA
Operating supply current
VFB = VISENSE = 0 V
11
17
mA
VCC Zener voltage
ICC = 25 mA
30
34
V
8.7 Typical Characteristics
Figure 1. Output Saturation Characteristics
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: UC1842A-SP UC1843A-SP UC1844A-SP


同様の部品番号 - UC1842A-SP_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
More results

同様の説明 - UC1842A-SP_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com