データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2833 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC2833
部品情報  Precision Low Dropout Linear Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC2833 データシート(HTML) 5 Page - Texas Instruments

  UC2833 Datasheet HTML 1Page - Texas Instruments UC2833 Datasheet HTML 2Page - Texas Instruments UC2833 Datasheet HTML 3Page - Texas Instruments UC2833 Datasheet HTML 4Page - Texas Instruments UC2833 Datasheet HTML 5Page - Texas Instruments UC2833 Datasheet HTML 6Page - Texas Instruments UC2833 Datasheet HTML 7Page - Texas Instruments UC2833 Datasheet HTML 8Page - Texas Instruments UC2833 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
UC1832
UC2832/3
UC3832/3
APPLICATION AND OPERATION INFORMATION (cont.)
UDG-92042-1
UDG-92043-1
PNP Pass (Low Drop-Out Regulator) (UCx833)
NPN Pass (Medium Power, Low Drop-Out Regulator) (UCx832)
For any power supply, the rate at which the total output
capacitance can be charged depends on the maximum
output current available and on the nature of the load. For
a constant-current current-limited power supply, the out-
put will come up if the load asks for less than the maxi-
mum available short-circuit limit current.
To guarantee recovery of a duty-ratio current-limited
power supply from a short-circuited load condition, there
is a maximum total output capacitance which can be
charged for a given unit ON time. The design value of ON
time can be adjusted by changing the timing capacitor.
Nominally, TON = 0.693 x 10k x CT.
Typically, the IC regulates output current to a maximum of
IMAX = K x ITH, where ITH is the timer trip-point current,
and
K
=
Current Sense Amplifier Offset Voltage
100
mA
≈1.35 for UCx833, and is variable from 1.35 to 3.05
with VADJ for the UCx832.
For a worst-case constant-current load of value just less
than ITH, CMAX can be estimated from:
CMAX
= ((K−1)ITH) (
TON
VOUT
),
where VOUT is the nominal regulator output voltage.
For a resistive load of value RL, the value of CMAX can be
estimated from:
CMAX
=
TON
RL
1
In [
(1−
VOUT
K
• ITH • RL)
−1
]
.
Estimating Maximum Load Capacitance
5


同様の部品番号 - UC2833

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2833 TI-UC2833 Datasheet
733Kb / 8P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2833DW TI1-UC2833DW Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2833DWG4 TI1-UC2833DWG4 Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2833DWTR TI1-UC2833DWTR Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2833DWTRG4 TI1-UC2833DWTRG4 Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
More results

同様の説明 - UC2833

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2832DW TI1-UC2832DW Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC1832 TI-UC1832 Datasheet
733Kb / 8P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2832-EP TI-UC2832-EP Datasheet
555Kb / 13P
[Old version datasheet]   PRECISION LOW DROPOUT LINEAR CONTROLLER
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Rohm
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
logo
Analog Devices
ADP3302 AD-ADP3302 Datasheet
303Kb / 8P
   High Precision anyCAP??Dual Low Dropout Linear Regulator
REV. 0
ADP3302 AD-ADP3302_15 Datasheet
306Kb / 8P
   High Precision anyCAP Dual Low Dropout Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com