データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3705D データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC3705D
部品情報  HIGH SPEED POWER DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC3705D データシート(HTML) 3 Page - Texas Instruments

  UC3705D Datasheet HTML 1Page - Texas Instruments UC3705D Datasheet HTML 2Page - Texas Instruments UC3705D Datasheet HTML 3Page - Texas Instruments UC3705D Datasheet HTML 4Page - Texas Instruments UC3705D Datasheet HTML 5Page - Texas Instruments UC3705D Datasheet HTML 6Page - Texas Instruments UC3705D Datasheet HTML 7Page - Texas Instruments UC3705D Datasheet HTML 8Page - Texas Instruments UC3705D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
UC1705
UC2705, UC3705
www.ti.com
SLUS370D – JULY 1995 – REVISED MARCH 2012
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
N-Pkg
JG-Pkg
T-Pkg
Supply Voltage (VIN)
40
40
40
V
Collector Supply Voltage, VC
40
40
40
Output current (source or sink)
Steady-State
±500
±500
±1
A
Peak Transient
±1.5
±1
±2
A
Capacitive Discharge Energy
20
15
50
µJ
Digital Inputs (2)
5.5
5.5
5.5
V
Power Dissipation at TA = 25°C
(1)
1
1
3
W
Power Dissipation at TA (Lead/Case) = 25°C
(1)
3
2
25
W
Operating Temperature Range
0 to 70
–55 to 125
0 to 70
°C
Storage temperaturee
–65 to 150
–65 to 150
–65 to 150
°C
(1)
All currents are positive into, negative out of the specified terminal.
(2)
Digital Drive can exceed 5.5 V if the input current is limited to 10 mA
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, these specifications apply for TA = –55°C to +125°C for the UC1705, –25°C to +85°C for the
UC2707, and 0°C to +70°C for the UC3705; VIN = VC = 20 V. TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VS = 40 V, outputs high, T package
6
8
mA
VS
Supply current
VC = 40 V, outputs low, T package
6
12
mA
VC
Supply current (N, JG Only)
VC = 40 V, outputs low
2
4
mA
VC
Leakage current (N, JG Only)
VS = 0, VC = 30 V
0.05
0.1
mA
Digital input low level
0.8
V
Digital input high level
2.2
V
Input current
VI = 0
–0.6
–1
mA
Input leakage
VI = 5 V
0.05
0.1
mA
IO = –50 mA
2
VC – VO Output high saturation
V
IO = –500 mA
2.5
IO = –50 mA
0.4
VO
Output low saturation
V
IO = –500 mA
2.5
Thermal shutdown
155
°C
Copyright © 1995–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC1705 UC2705 UC3705


同様の部品番号 - UC3705D

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3705D TI-UC3705D Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
UC3705DTR TI-UC3705DTR Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
UC3705DTRG4 TI-UC3705DTRG4 Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
More results

同様の説明 - UC3705D

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1705 TI-UC1705 Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
logo
ATMEL Corporation
ATA6821 ATMEL-ATA6821 Datasheet
177Kb / 13P
   High Speed Power Driver IC
ATA6821 ATMEL-ATA6821_05 Datasheet
237Kb / 14P
   High Speed Power Driver IC
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
   high speed syncronous power mosfet driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
National Semiconductor ...
CLC418 NSC-CLC418 Datasheet
280Kb / 12P
   Dual High-Speed, Low-Power Line Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com