データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3525ADW データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC3525ADW
部品情報  REGULATING PULSE WIDTH MODULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC3525ADW データシート(HTML) 4 Page - Texas Instruments

  UC3525ADW Datasheet HTML 1Page - Texas Instruments UC3525ADW Datasheet HTML 2Page - Texas Instruments UC3525ADW Datasheet HTML 3Page - Texas Instruments UC3525ADW Datasheet HTML 4Page - Texas Instruments UC3525ADW Datasheet HTML 5Page - Texas Instruments UC3525ADW Datasheet HTML 6Page - Texas Instruments UC3525ADW Datasheet HTML 7Page - Texas Instruments UC3525ADW Datasheet HTML 8Page - Texas Instruments UC3525ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
f +
1
C
T 0.7RT ) 3RD
UC1525A, UC1527A
UC2525A, UC2527A
UC3525A, UC3527A
SLUS191C – FEBRUARY 1997 – REVISED JANUARY 2008
+VIN = 20 V, and over operating temperature, unless otherwise specified, TA = TJ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
UC152xA, UC252xA
5.05
5.10
5.15
Output voltage
TJ = 25°C
V
UC352xA
5.0
5.1
5.2
Line regulationg
VIN = 8 V to 35 V
10
20
Load regulationg
IL = 0 mA to 20 mA
20
50
mV
Temperature stability(1)
Over operating range
20
50
UC152xA, UC252xA
5.0
5.2
Total output variation(1)
Line, load, and temperature
V
UC352xA
4.95
5.25
Shorter circuit current
VREF = 0, TJ = 25°C
80
100
mA
Output noise Voltage(1)
10 Hz
≤ 10 kHz, TJ = 25°C
40
200
µVrms
Long term stability (1)
TJ = 125°C
20
50
mV
OSCILLATOR SECTION(2)
Initial accuracy(1) (2)
TJ = 25°C
2%
6%
UC152xA, UC252xA
0.3%
1%
Voltage stability(1) (2)
VIN = 8 V to 35 V
UC352xA
1%
2%
Temperature stability(1)
Over operating range
3%
6%
Minimum frequency
RT = 200 kΩ, CT = 0.1 µF
120
Hz
Maximum frequency
RT = 2 kΩ, CT = 470 pF
400
kHz
Current mirror
IRT = 2 mA
1.7
2.0
2.2
mA
Clock amplitude(1) (2)
3.0
3.5
V
Clock width(1) (2)
TJ = 25°C
0.3
0.5
1.0
µs
Syncronization threshold(1) (2)
1.2
2.0
2.8
V
Sync input current
Sync voltage = 3.5 V
1.0
2.5
mA
ERROR AMPLIFIER SECTION (VCM = 5.1 V)
UC152xA, UC252xA
0.5
5
mV
Input offset voltage
UC352xA
2
10
Input bias current
1
10
µA
Input offset current
1
DC open loop gain
RL ≥ 10 MΩ
60
75
dB
Gain-bandwidth product(1)
AV = 0 dB, TJ = 25°C
1
2
MHz
DC transconductanc(1) (3)
TJ = 25°C, 30 kΩ ≤ RL ≤ 1 MΩ
1.1
1.5
mS
Low-level output voltage
0.2
0.5
V
High-level output voltage
3.8
5.6
Common mode rejection
VCM = 1.5 V to 5.2 V
60
75
dB
Supply voltage rejection
VIN = 8 V to 35 V
50
60
(1)
These parameters, although ensured over the recommended operating conditions, are not 100% tested in production.
(2)
Tested at fOSC = 40 kHz (RT = 3.6 kΩ, CT = 0.01 µF, RD = 0. Approximate oscillator frequency is defined by:
(3)
DC transconductance (gM) relates to DC open-loop voltage gain (AV) according to the following equation: AV = gMRL where RL is the
resistance from pin 9 to ground. The minimum gM specification is used to calculate minimum AV when the error amplifier output is
loaded.
4
Submit Documentation Feedback
Copyright © 1997–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1525A, UC1527A UC2525A, UC2527A UC3525A, UC3527A


同様の部品番号 - UC3525ADW

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3525ADW TI-UC3525ADW Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3525ADW TI1-UC3525ADW Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC3525ADWG4 TI1-UC3525ADWG4 Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC3525ADWTR TI-UC3525ADWTR Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3525ADWTR TI-UC3525ADWTR Datasheet
345Kb / 13P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

同様の説明 - UC3525ADW

メーカー部品番号データシート部品情報
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com