データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3525ANG4 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC3525ANG4
部品情報  REGULATING PULSE WIDTH MODULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC3525ANG4 データシート(HTML) 2 Page - Texas Instruments

  UC3525ANG4 Datasheet HTML 1Page - Texas Instruments UC3525ANG4 Datasheet HTML 2Page - Texas Instruments UC3525ANG4 Datasheet HTML 3Page - Texas Instruments UC3525ANG4 Datasheet HTML 4Page - Texas Instruments UC3525ANG4 Datasheet HTML 5Page - Texas Instruments UC3525ANG4 Datasheet HTML 6Page - Texas Instruments UC3525ANG4 Datasheet HTML 7Page - Texas Instruments UC3525ANG4 Datasheet HTML 8Page - Texas Instruments UC3525ANG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
DESCRIPTION (continued)
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
(1)
UC1525A, UC1527A
UC2525A, UC2527A
UC3525A, UC3527A
SLUS191C – FEBRUARY 1997 – REVISED JANUARY 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
These functions are also controlled by an undervoltage lockout which keeps the outputs off and the soft-start
capacitor discharged for sub-normal input voltages. This lockout circuitry includes approximately 500 mV of
hysteresis for jitter- free operation. Another feature of these PWM circuits is a latch following the comparator.
Once a PWM pulse has been terminated for any reason, the outputs will remain off for the duration of the period.
The latch is reset with each clock pulse. The output stages are totem-pole designs capable of sourcing or sinking
in excess of 200 mA. The UC1525A output stage features NOR logic, giving a LOW output for an OFF state. The
UC1527A utilizes OR logic which results in a HIGH output level when OFF.
UCx52xA
UNIT
+VIN
Supply voltage
40
VC
Collector supply voltage
40
V
Logic inputs
–0.3 to +5.5
Analog inputs
–0.3 to +VIN
Output current, source or sink
500
Reference output current
50
mA
Oscillator charging current
5
Power dissipation at TA = +25°C
(2)
1000
mW
Power dissipation at TC = +25°C
(2)
2000
Operating junction temperature
–55 to 150
Storage temperature range
–65 to 150
°C
Lead temperature (soldering, 10 seconds)
300
(1)
Values beyond which damage may occur.
(2)
See Thermal Characteristics table.
MIN
MAX
UNIT
+VIN
Input voltage
8
35
V
VC
Collector supply voltage
4.5
35
Sink/source load current (steady state)
0
100
Sink/source load current (peak)
0
400
mA
Reference load current
0
20
Oscillator frequency range
100
400
Hz
Oscillator timing resistor
2
150
k
Oscillator timing capacitorm
0.001
0.01
µF
Dead time resistor range
0
500
UC1525A, UC1527A
–55
125
Operating ambient temperature range
UC2525A, UC2527A
–25
85
°C
UC3525A, UC3527A
0
70
(1)
Range over which the device is functional and parameter limits are assured.
2
Submit Documentation Feedback
Copyright © 1997–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1525A, UC1527A UC2525A, UC2527A UC3525A, UC3527A


同様の部品番号 - UC3525ANG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3525ANG4 TI1-UC3525ANG4 Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

同様の説明 - UC3525ANG4

メーカー部品番号データシート部品情報
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com